Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS252MPLF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS252MPLF
Description  Field Programmable Dual Output SS VersaClock Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS252MPLF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS252MPLF Datasheet HTML 1Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 2Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 3Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 4Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 5Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 6Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 7Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 8Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Field Programmable Dual Output SS VersaClock Synthesizer
MDS 252 B
5
Revision 011606
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS252
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature -40 to +85
°C
Note 1: Example with 25 MHz crystal input with output of 33.3 MHz, no load, and VDD = 3.3 V.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.3
3.465
V
Operating Supply Current
Input High Voltage
IDD
Configuration Dependent
- See VersaClockTM
mA
Two 33.3333 MHz output,
PDTS = 1, no load
Note 1
16
mA
PDTS = 0
500
µA
Input High Voltage
VIH
SEL
VDD/2+1
V
Input Low Voltage
VIL
SEL
0.4
V
Input High Voltage, PDTS
VIH
VDD-0.5
V
Input Low Voltage, PDTS
VIL
0.4
V
Input High Voltage
VIH
ICLK
VDD/2+1
V
Input Low Voltage
VIL
ICLK
VDD/2-1
V
Output High Voltage
(CMOS High)
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -8 mA (Low Drive);
IOH = -12 mA (High Drive)
2.4
VDD-0.4
V
Output Low Voltage
VOL
IOL = 8 mA (Low Drive);
IOL = 12 mA (High Drive)
0.4
V
Short Circuit Current
IOS
±70
mA
Nominal Output
Impedance
ZO
20
Internal Pull-up Resistor
RPUP
SEL, PDTS
190
k
Internal Pull-down
Resistor
RPD
Clock outputs CLK1 and
CLK2
120
k
Input Capacitance
CIN
inputs
4
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com