Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS348RP Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS348RP
Description  Quad PLL Field Programmable VersaClock Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS348RP Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS348RP Datasheet HTML 1Page - Integrated Circuit Systems ICS348RP Datasheet HTML 2Page - Integrated Circuit Systems ICS348RP Datasheet HTML 3Page - Integrated Circuit Systems ICS348RP Datasheet HTML 4Page - Integrated Circuit Systems ICS348RP Datasheet HTML 5Page - Integrated Circuit Systems ICS348RP Datasheet HTML 6Page - Integrated Circuit Systems ICS348RP Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS348
MDS 348 H
1
Revision 051705
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Quad PLL Field Programmable VersaClock Synthesizer
Description
The ICS348 field programmable clock synthesizer
generates up to 9 high-quality, high-frequency clock
outputs including multiple reference clocks from a low
frequency crystal or clock input. The ICS348 has 4
independent on-chip PLLs and is designed to replace
crystals and crystal oscillators in most electronic
systems.
Using ICS’ VersaClockTM software to configure PLLs
and outputs, the ICS348 contains a One-Time
Programmable (OTP) ROM to allow field
programmability. Programming features include eight
selectable configuration registers, up to two sets of four
low-skew outputs.
Using Phase-Locked Loop (PLL) techniques, the
device runs from a standard fundamental mode,
inexpensive crystal, or clock. It can replace multiple
crystals and oscillators, saving board space and cost.
The ICS348 is also available in factory programmed
custom versions for high-volume applications.
Features
Packaged as 20-pin SSOP (QSOP)
Eight addressable registers
Replaces multiple crystals and oscillators
Output frequencies up to 200 MHz at 3.3V
Input crystal frequency of 5 to 27 MHz
Input clock frequency of 2 to 50 MHz
Up to nine reference outputs
Up to two sets of four low-skew outputs
Operating voltages of 3.3 V
Advanced, low power CMOS process
For one output clock, use the ICS341 (8-pin). For two
output clocks, use the ICS342 (8-pin). For three
output clocks, use the ICS343 (8-pin). For more than
three outputs, use the ICS345 or ICS348.
Available in Pb (lead) free packaging
Block Diagram
C rystal
O scillator
PLL1
GN D
2
3
VDD
PDT S
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S 0
CLK1
CLK9
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
3
OT P
RO M
with
PLL
Values
PLL4
X2
Cry stal or
cloc k input
E xternal capacitors are
required w ith a crystal input.
X 1/IC LK


Similar Part No. - ICS348RP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS348R-22 ICST-ICS348R-22 Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
ICS348R-22LF ICST-ICS348R-22LF Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
ICS348R-22LFT ICST-ICS348R-22LFT Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
ICS348R-22T ICST-ICS348R-22T Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
ICS348R22LF ICST-ICS348R22LF Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
More results

Similar Description - ICS348RP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS308 ICST-ICS308 Datasheet
134Kb / 8P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
Revision 090704
ICS348-22 ICST-ICS348-22 Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
logo
Integrated Device Techn...
ICS308 IDT-ICS308 Datasheet
179Kb / 9P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345 Datasheet
207Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS308 IDT-ICS308_10 Datasheet
154Kb / 9P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com