Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS409 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS409
Description  PC PERIPHERAL CLOCK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS409 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS409 Datasheet HTML 1Page - Integrated Circuit Systems ICS409 Datasheet HTML 2Page - Integrated Circuit Systems ICS409 Datasheet HTML 3Page - Integrated Circuit Systems ICS409 Datasheet HTML 4Page - Integrated Circuit Systems ICS409 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC PERIPHERAL CLOCK
MDS 409 C
4
Revision 111005
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS409
VDD=3.3V ±10%
AC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature 0 to +70× C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
Input High Voltage
VIH
Vdd-0.5
V
Input Low Voltage
VIL
0.5
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.8
V
Operating Supply Current
IDD
No load
15
mA
Short Circuit Current
IOS
Each output
50
mA
Suggested Pull-up or
Pull-down resistor on pin 5
R10
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Input Frequency
14.318
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.8
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.6
ns
Output Clock Duty Cycle
at VDD/2
45
50
55
%
Absolute Jitter, Short Term
variation from mean
±250
ps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com