Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS409 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS409
Description  PC PERIPHERAL CLOCK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS409 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS409 Datasheet HTML 1Page - Integrated Circuit Systems ICS409 Datasheet HTML 2Page - Integrated Circuit Systems ICS409 Datasheet HTML 3Page - Integrated Circuit Systems ICS409 Datasheet HTML 4Page - Integrated Circuit Systems ICS409 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS409
MDS 409 C
1
Revision 111005
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
PC PERIPHERAL CLOCK
Description
The ICS409 is a cost-effective clock synthesizer
developed to optimize component count for PC
peripheral applications. The device supports a
common, low cost 14.31818 MHz crystal using an
on-chip crystal oscillator. The device locks all output
frequencies to enhance system performance. By
supporting common PC peripheral interface
frequencies including dual 25 MHz and 40/80 MHz
frequencies the clock lowers chip count enhancing
system cost and reliability.
The ICS409 utilizes a low pin count 8-pin SOIC
package to optimize board space.
ICS is a leader in low jitter and power consumer
application clock sources. These devices are capable
of supporting CCD, video, audio, USB, CPU, and other
peripherals.
Features
• Pin compatible with FS6286-01
• Low operating voltage of 3.3V
• On-chip oscillator supports 14.31818 MHz crystal
• Fixed dual 25 MHz clocks for Ethernet
• 40/80 MHz selected on rising edge of OE/LAT pin
• Power consumption of 15 mA (typ)
• Duty cycle of 45 to 55%
• Packaged in 8-pin SOIC
• Available in Pb (lead) free package
Block Diagram
25M
Cr y s t a l
O s c illa t o r
X1
X2
14. 3 1818 M H z
F unda m e n t al
Cr y s t a l
PL L
25M
40/ 8 0 M
VD D
GN D
OE / L A T


Similar Part No. - ICS409

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS40004A01L ICST-ICS40004A01L Datasheet
262Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS40004A11L ICST-ICS40004A11L Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS40004AI01 IDT-ICS40004AI01 Datasheet
844Kb / 16P
FEMTOCLOCKS??CRYSTAL-TOLVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS4002AI01L ICST-ICS4002AI01L Datasheet
163Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JANUARY 5, 2006
logo
Integrated Device Techn...
ICS4002AI01L IDT-ICS4002AI01L Datasheet
741Kb / 14P
FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS409

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
System Peripheral Clock Source
Revision 092799
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
System Peripheral Clock Source
Revision 010301
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 062005
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
logo
Texas Instruments
DP8570A TI1-DP8570A_11 Datasheet
423Kb / 28P
DP8570A Timer Clock Peripheral
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com