Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS487-25 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS487-25
Description  Quad PLL for DTV
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS487-25 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS487-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 5Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Quad PLL for DTV
MDS 487-25 A
2
Revision 050604
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS487-25
Pin Assignment
ACLK Output Selection Table
Note: When S1 and S0 are switched, all other output
clocks will remain stable throughout the transition.
Pin Descriptions
12
1
11
2
10
3
9
X1/ICLK
4
S0
5
S1
6
VDD
7
48M
8
VDD
PDTS
GND
VDD
GND
GND
ACLK
20M
33.0M
16
15
14
13
24.576M
X2
16 pin (173 mil) TSSOP
S1
S0
ACLK (MHz)
0
0
18.432
0
1
16.9344
1
0
12.288
1
1
18.432
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
Input
Crystal connection. Connect to 27 MHz crystal or clock input.
2
S0
Input
Select pin 0. Determines ACLK output frequency per table above.
Internal pull up resistor.
3
S1
Input
Select pin 1. Determines ACLK output frequency per table above.
Internal pull up resistor.
4
48M
Output
48 MHz clcok output. Weak internal pull-down when tri-state.
5
VDD
Power
Connect to +3.3 V.
6
GND
Power
Connect to ground.
7
20M
Output
20 MHz clock output. Weak internal pull-down when tri-state.
8
24.576M
Output
24.576 MHz clock output. Weak internal pull-down when tri-state.
9
ACLK
Output
Audio clock output. Determined by table above. Weak internal
pull-down when tri-state
10
33.0M
Output
33.0 MHz clock output. Weak internal pull-down when tri-state.
11
GND
Power
Connect to ground.
12
VDD
Power
Connect to +3.3 V.
13
GND
Power
Connect to ground.
14
PDTS
Input
Powers down entire chip and tri-states outputs when low. Internal
pull-up resistor.
15
VDD
Power
Connect to +3.3 V.
16
X2
Input
Connect to 27 MHz crystal or float for clock input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com