Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS487-25 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS487-25
Description  Quad PLL for DTV
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS487-25 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS487-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 5Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS487-25
MDS 487-25 A
1
Revision 050604
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
Quad PLL for DTV
Description
The ICS487-25 generates five high-quality,
high-frequency clock outputs. It is designed to replace
crystals and crystal oscillators in DTV applications.
Using ICS’ patented Phase Locked Loop (PLL)
techniques, the device runs from a lower frequency
crystal or clock input.
Because there is zero ppm frequency synthesis error
on the audio clocks, the audio will remain locked to the
video.
Features
• Packaged in 16-pin TSSOP
• Available in Pb-free packaging
• Replaces multiple crystals and oscillators
• Input crystal or clock frequency of 27 MHz
• Zero ppm frequency synthesis error
• Duty cycle of 45/55
• Operating voltage of 3.3 V
• Advanced, low power CMOS process
Block Diagram
X1/ICLK
X2
PLL1
PLL2
Crystal
Oscillator/
Clock
Buffer
27 MHz
clock or
crystal
input
External capacitors
may be required.
VDD
GND
PDTS (all outputs and PLLs)
20M
ACLK
3
3
PLL3
33.0M
PLL4
24.576M
S1:0
2
48M


Similar Part No. - ICS487-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS487-25 RENESAS-ICS487-25 Datasheet
354Kb / 8P
QUAD PLL FOR DTV
092109
More results

Similar Description - ICS487-25

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
IEEE 1394 Serial Bus Controller for DTV
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
DTV TUNER IC
logo
Integrated Circuit Syst...
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
Quad PLL with VCXO for HDTV
Revision 062404
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
DTV Reference Design
logo
GENESYS LOGIC
GL861 GENESYS-GL861 Datasheet
412Kb / 19P
USB 2.0 Controller for PC-DTV Application
logo
AverLogic Technologies ...
AL600 AVERLOGIC-AL600 Datasheet
749Kb / 5P
DTV Controller
logo
NXP Semiconductors
TFF1044HN NXP-TFF1044HN Datasheet
365Kb / 27P
Integrated mixer oscillator PLL for satellite quad LNB
Rev. 1-10 June 2015
logo
Renesas Technology Corp
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
QUAD PLL CLOCK SYNTHESIZER
012005
ICS477-05 RENESAS-ICS477-05 Datasheet
364Kb / 9P
QUAD PLL WITH VCXO FOR HDTV
062404
ICS487-25 RENESAS-ICS487-25 Datasheet
354Kb / 8P
QUAD PLL FOR DTV
092109
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com