Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307M02ILF Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS307M02ILF
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307M02ILF Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS307M02ILF Datasheet HTML 1Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 2Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 3Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 4Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 5Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 6Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 7Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 8Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-01/02 F
8
Revision 121304
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-01/02
AC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Thermal Characteristics
Short Circuit Current
CLK outputs
±70
mA
Input Capacitance
CIN
4pF
On-Chip Pull-up Resistor
RPU
Pin 13
270
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental
crystal
527
MHz
Clock
2
50
MHz
Output Frequency (see Table 1)
6
200
MHz
I-temp version
6
180
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V, Note 1
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V, Note 1
1
ns
Output Clock Duty Cycle
even output divides
45
49-51
55
%
odd output divides
40
60
%
Power-up Time
STROBE goes high
until CLK out
310
ms
One Sigma Clock Period Jitter
50
ps
Maximum Absolute Jitter
tja
Deviation from mean
±120
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
120
°C/W
θ
JA
1 m/s air flow
115
°C/W
θ
JA
3 m/s air flow
105
°C/W
Thermal Resistance Junction to Case
θ
JC
58
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com