Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307M02ILF Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS307M02ILF
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307M02ILF Datasheet(HTML) 9 Page - Integrated Circuit Systems

  ICS307M02ILF Datasheet HTML 1Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 2Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 3Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 4Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 5Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 6Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 7Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 8Page - Integrated Circuit Systems ICS307M02ILF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-01/02 F
9
Revision 121304
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-01/02
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping packaging
Package
Temperature
ICS307M-01
ICS307M-01
Tubes
16-pin SOIC
0 to +70
° C
ICS307M-01T
ICS307M-01
Tape and Reel
16-pin SOIC
0 to +70
° C
ICS307M-01I
ICS307M-01I
Tubes
16-pin SOIC
-40 to +85
° C
ICS307M-01IT
ICS307M-01I
Tape and Reel
16-pin SOIC
-40 to +85
° C
ICS307M-02
ICS307M-02
Tubes
16-pin SOIC
0 to +70
° C
ICS307M-02T
ICS307M-02
Tape and Reel
16-pin SOIC
0 to +70
° C
ICS307M-02LF
ICS307M-02LF
Tubes
16-pin SOIC
0 to +70
° C
ICS307M-02LFT
ICS307M-02LF
Tape and Reel
16-pin SOIC
0 to +70
° C
ICS307M-02I
ICS307M-02I
Tubes
16-pin SOIC
-40 to +85
° C
ICS307M-02IT
ICS307M-02I
Tape and Reel
16-pin SOIC
-40 to +85
° C
ICS307M-02ILF
ICS307M02ILF
Tubes
16-pin SOIC
-40 to +85
° C
ICS307M-02ILFT
ICS307M02ILF
Tape and Reel
16-pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
16
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51.013
.020
C
0.19
0.25
.0075
.0098
D
9.80
10.00
.3859
.3937
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50.010
.020
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com