Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS525-01RT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS525-01RT
Description  User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS525-01RT Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
3
Revision 101105
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS525-01/02/11/12
ICS525-01 Output Frequency and Output Divider Table
ICS525-02 Output Frequency and Output Divider Table
ICS525-11 Output Frequency and Output Divider Table
S2
Pin 5
S1
Pin 4
S0
Pin 3
CLK Output
Divider
Output Frequency Range (MHz)
VDD = 5 V
VDD = 3.3 V
0 - 70
°C
-40 to +85
°C
0 - 70
°C
-40 to +85
°C
0
0
0
10
3–26
3–23
3–18
3–16
0
0
1
2
15–160
15–140
15–100
15–90
0
1
0
8
3.75–40
3.75–36
3.75–25
3.75–22
0
1
1
4
7.5–80
7.5–72
7.5–50
7.5–45
1
0
0
5
6–50
6–45
6–34
6–30
1
0
1
7
4–40
4–36
4–26
4–23
1
1
0
9
3.3–33.3
3.3–30
3.3–20
3.3–18
1
1
1
6
5–53
5–47
5–27
5–24
S2
Pin 5
S1
Pin 4
S0
Pin 3
CLK Output
Divider
Output Frequency Range (MHz)
VDD = 5 V
VDD = 3.3 V
-40 to +85
°C
-40 to +85
°C
0
0
0
6
5–67
5–40
0
0
1
2
15–200
15–120
0
1
0
8
3.75–50
3.75–30
0
1
1
4
7.5–100
7.5–60
1
0
0
5
6–80
6–48
1
0
1
7
4–57
4–34
1
1
0
1
30–250
30–200
1
1
1
3
10–133
10–80
S2
Pin 5
S1
Pin 4
S0
Pin 3
CLK Output
Divider
Output Frequency Range (MHz)
VDD = 5 V
VDD = 3.3 V
0 - 70
°C
-40 to +85
°C
0 - 70
°C
-40 to +85
°C
0
0
0
10
0.75–6.5
0.75–5.75
0.75–4.5
0.75–4
0
0
1
2
3.75–40
3.75–35
3.75–25
3.75–22.5
0
1
0
8
0.94–10
0.94–9
0.94–6.25
0.94–5.5
0
1
1
4
1.875–20
1.875–18
1.875–12.5
1.875–11.25
1
0
0
5
1.5–12.5
1.5–11.25
1.5–8.5
1.5–7.5
1
0
1
7
1–10
1–9
1–6.5
1–5.75
1
1
0
9
0.83–8.33
0.83–7.5
0.83–5
0.83–4.5
1
1
1
6
1.25–13.25
1.25–11.75
1.25–6.75
1.25–6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com