Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS525-01RT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS525-01RT
Description  User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RT Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS525-01RT Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
6
Revision 101105
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS525-01/02/11/12
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS525-01/02/11/12. These
ratings, which are standard values for ICS commercially rated parts, are stress ratings only. Functional
operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
can affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Commercial
0 to +70
°C
Ambient Operating Temperature, Industrial
-40 to +85
°C
Storage Temperature
-65
°C to 150°C
Junction Temperature
125
°C
Soldering Temperature
260
°C (max. of 10 seconds)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Operating Supply Current
IDD
60 MHz out, no load,
15 MHz crystal,
ICS525-01/02 only
8mA
Operating Supply Current
IDD
40 MHz out, 15 MHz
crystal, ICS525-11/12
only
6mA
Operating Supply Current,
Power-down
IDD
Pin 19 = 0, Note 1
4
µA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Input High Voltage,
X1/ICLK only
VIH
ICLK (pin7)
VDD/2+1
VDD/2
V
Input Low Voltage, X1/ICLK
only
VIL
ICLK (pin7)
VDD/2
VDD/2-1
V
Output High Voltage
VOH
IOH = -12 mA
VDD-0.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com