Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530 Datasheet(PDF) 7 Page - ams AG

Part # AS1530
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530 Datasheet(HTML) 7 Page - ams AG

Back Button AS1530 Datasheet HTML 3Page - ams AG AS1530 Datasheet HTML 4Page - ams AG AS1530 Datasheet HTML 5Page - ams AG AS1530 Datasheet HTML 6Page - ams AG AS1530 Datasheet HTML 7Page - ams AG AS1530 Datasheet HTML 8Page - ams AG AS1530 Datasheet HTML 9Page - ams AG AS1530 Datasheet HTML 10Page - ams AG AS1530 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.austriamicrosystems.com
Revision 0.96
7 - 29
AS1530, AS1531
austriamicrosystems
Data Sheet
TCVREF
REF Output
Temperature Coefficient
±25
ppm/
°C
Load Regulation
7
0 to 0.75mA output load
0.6
2.0
mV/
mA
CBYPREF
Capacitive Bypass at REF
4.7
10
µF
CBYPREF
ADJ
Capacitive Bypass
at REFADJ
0.01
10
µF
REFADJ Output Voltage
1.22
V
REFADJ Input Range
For small adjustments, from 1.22V
±100
mV
REFADJ Buffer
Disable Threshold
To power down the internal reference
1.4
VDD1
- 1
V
Buffer Voltage Gain
2.045
V/V
External Reference: Reference buffer disabled, reference applied to REF
REF Input Voltage Range
8
1.0
VDD1 +
50mV
V
REF Input Current
VREF = 2.50V, fSCLK= 4.8MHz
200
350
µA
VREF = 2.50V, fSCLK = 0
320
In power-down, fSCLK = 0
5
Digital Inputs: DIN, SCLK, CSN
VINH
Input High Voltage
0.7 x
VDD
V
VINL
Input Low Voltage
0.3 x
VDD
V
VHYST
Input Hysteresis
0.8
V
IIN
Input Leakage
VIN = 0 or VDD2
-1
+1
µA
CIN
Input Capacitance
5
pF
Digital Outputs: DOUT, SSTRB
VOL
Output Voltage Low
ISINK = 5mA
0.4
V
VOH
Output Voltage High
ISOURCE = 0.5mA
VDD2 -
0.5V
V
IL
Tri-State Leakage Current
CSN = VDD2
-10
+10
µA
COUT
Tri-State Output
Capacitance
CSN = VDD2
5pF
Power Supply
VDD1,
VDD2,
VDD3
Positive Supply Voltage
9
2.7
3.6
V
IVDD1,
IVDD2,
IVDD3
Supply Current
VDD1 = VDD2 =
VDD3 = 5.5V
Normal Operation
with External
Reference
10
2.2
2.7
Normal Operation
with Internal
Reference
10
2.7
3.2
mA
Reduced-Power
Mode
11
0.4
0.8
Full Power-Down
Mode
11
0.5
2
µA
PSR
Power-Supply Rejection
VDD1 = VDD2 = VDD3
= 2.7 to 3.6V,
Mid-Scale Input
-2
±0.1
+2
mV
1. Tested at VDD1 = VDD2 = VDD3 = +3V; COM = GND; bit RANGE (page 15) = 1, single-ended input mode.
Table 3. AS1531 Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com