Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530 Datasheet(PDF) 13 Page - ams AG

Part # AS1530
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530 Datasheet(HTML) 13 Page - ams AG

Back Button AS1530 Datasheet HTML 9Page - ams AG AS1530 Datasheet HTML 10Page - ams AG AS1530 Datasheet HTML 11Page - ams AG AS1530 Datasheet HTML 12Page - ams AG AS1530 Datasheet HTML 13Page - ams AG AS1530 Datasheet HTML 14Page - ams AG AS1530 Datasheet HTML 15Page - ams AG AS1530 Datasheet HTML 16Page - ams AG AS1530 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.austriamicrosystems.com
Revision 0.96
13 - 29
AS1530, AS1531
austriamicrosystems
Data Sheet
7 Pinout
Pin Assignments
Figure 19. Pin Assignments (Top View)
Pin Descriptions
Table 6. Pin Descriptions
Pin Number
Pin Name
Description
1:8
CH0:CH7
Analog Sampling Inputs.
These eight pins serve as analog sampling inputs.
9COM
Common Analog Inputs
. Tie this pin to ground in single-ended mode.
10
VDD3
Positive Supply Voltage
11
REF
Reference-Buffer Output/A/DC Reference Input
. This pin serves as the reference
voltage for analog-to-digital conversions. In internal reference mode, the reference
buffer provides a +2.50V nominal output, externally adjustable at pin REFADJ. In
external reference mode, disable the internal buffer by pulling pin REFADJ to VDD1.
12
REFADJ
Reference-Buffer Amplifier Input
. To disable the reference-buffer amplifier, tie this
pin to VDD1.
13
GND
Analog and Digital Ground
14
DOUT
Serial Data Output
. Data is clocked out at the rising edge of pin SCLK. DOUT is high
impedance when CSN is high.
15
SSTRB
Serial Strobe Output
. SSTRB pulses high for one clock period before the MSB is
clocked out. SSTRB is high impedance when CSN is high.
16
DIN
Serial Data Input
. Data is clocked in at the rising edge of SCLK.
17
CSN
Active-Low Chip Select
. Data will not be clocked into pin DIN unless CSN is low.
When CSN is high, pins DOUT and SSTRB are high impedance.
18
SCLK
Serial Clock Input
. This pin clocks data into and out of the serial interface, and is used
to set the conversion speed.
Note:
The duty cycle must be between 40 and 60%.
19
VDD2
Positive Supply Voltage
20
VDD1
Positive Supply Voltage
AS1530/
AS1531
1
CH0
2
CH1
3
CH2
4
CH3
5
CH4
6
CH5
7
CH6
8
CH7
9
COM
10
VDD3
20 VDD1
19 VDD2
18 SCLK
17 CSN
16 DIN
15 SSTRB
14 DOUT
13 GND
12 REFADJ
11 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com