Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AGILF Datasheet(PDF) 71 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 71 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 67Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 68Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 69Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 70Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 71Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 72Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 73Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 74Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 75Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 135 page
background image
Chapter 8 Management Register Set
ICS1893AG, Rev. A 04/14/05
April, 2005
71
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
8.6 Register 4: Auto-Negotiation Register
Table 8-11 lists the bits for the Auto-Negotiation Register. An STA uses this register to select the
ICS1893AG capabilities that it wants to advertise to its remote link partner. During the auto-negotiation
process, the ICS1893AG advertises (that is, exchanges) capability data with its remote link partner by
using a pre-defined Link Code Word. The Link Code Word is embedded in the Fast Link Pulses exchanged
between PHYs when the ICS1893AG has its Auto-Negotiation sublayer enabled. The value of the Link
Control Word is established based on the value of the bits in this register.
Note: For an explanation of acronyms used in Table 8-5, see Chapter 1, “Abbreviations and Acronyms”.
† As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
8.6.1 Next Page (bit 4.15)
This bit indicates whether the ICS1893AG uses the Next Page Mode functions during the auto-negotiation
process. If bit 4.15 is logic:
• Zero, then the ICS1893AG indicates to its remote link partner that these features are disabled. (Although
the default value of this bit is logic zero, the ICS1893AG does support the Next Page function.)
• One, then the ICS1893AG advertises to its remote link partner that this feature is enabled.
8.6.2 IEEE Reserved Bit (bit 4.14)
The ISO/IEC specification reserves this bit for future use. However, the ISO/IEC Standard also defines bit
4.14 as the Acknowledge bit.
Table 8-11. Auto-Negotiation Advertisement Register (register 4 [0x04])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
4.15 Next Page
Next page not supported
Next page supported
R/W
–
0
0
4.14 IEEE reserved
Always 0
N/A
CW
–
0†
4.13 Remote fault
Locally, no faults detected
Local fault detected
R/W
–
0
4.12 IEEE reserved
Always 0
N/A
CW
–
0†
4.11 IEEE reserved
Always 0
N/A
CW
–
0†
1
4.10 IEEE reserved
Always 0
N/A
CW
–
0†
4.9
100Base-T4
Always 0. (Not supported.)
N/A
CW
–
0
4.8
100Base-TX, full duplex
Do not advertise ability
Advertise ability
R/W
–
1
4.7
100Base-TX, half duplex Do not advertise ability
Advertise ability
R/W
–
1
E
4.6
10Base-T, full duplex
Do not advertise ability
Advertise ability
R/W
–
1
4.5
10Base-T half duplex
Do not advertise ability
Advertise ability
R/W
–
1
4.4
Selector Field bit S4
IEEE 802.3-specified default N/A
CW
–
0
4.3
Selector Field bit S3
IEEE 802.3-specified default N/A
CW
–
0
1
4.2
Selector Field bit S2
IEEE 802.3-specified default N/A
CW
–
0
4.1
Selector Field bit S1
IEEE 802.3-specified default N/A
CW
–
0
4.0
Selector Field bit S0
N/A
IEEE 802.3-specified
default
CW
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com