Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AGILF Datasheet(PDF) 72 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 72 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 68Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 69Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 70Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 71Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 72Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 73Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 74Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 75Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 76Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 135 page
background image
ICS1893AG, Rev A 04/14/05
April, 2005
72
Chapter 8 Management Register Set
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
When this reserved bit is read by an STA, the ICS1893AG returns a logic zero. However, whenever an STA
writes to this reserved bit, it must use the default value specified in this data sheet. ICS uses some reserved
bits to invoke auxiliary functions. To ensure proper operation of the ICS1893AG, an STA must maintain the
default value of these bits. Therefore, ICS recommends that an STA always write the default value of any
reserved bits during all management register write operations.
Reserved bit 4.14 is a Command Override Write (CW) bit. Whenever bit 16.15 (the Command Register
Override bit) is logic:
• Zero, the ICS1893AG isolates all STA writes to bit 4.14.
• One, an STA can modify the value of bit 4.14.
8.6.3 Remote Fault (bit 4.13)
When the ICS1893AG Auto-Negotiation sublayer is enabled, the ICS1893AG transmits the Remote Fault
bit 4.13 to its remote link partner during the auto-negotiation process. The Remote Fault bit is part of the
Link Code Word that the ICS1893AG exchanges with its remote link partner. The ICS1893AG sets this bit
to logic one whenever it detects a problem with the link, locally. The data in this register is sent to the remote
link partner to inform it of the potential problem. If the ICS1893AG does not detect a link fault, it clears bit
4.13 to logic zero.
Whenever the ICS1893AG:
• Does not detect a link fault, the ICS1893AG clears bit 4.13 to logic zero.
• Detects a problem with the link, during the auto-negotiation process, this bit is set. As a result, the data
on this bit is sent to the remote link partner to inform it of the potential problem.
8.6.4 IEEE Reserved Bits (bits 4.12:10)
The IEEE reserves these bits for future use. When an STA:
• Reads a reserved bit, the ICS1893AG returns a logic zero.
• Writes to a reserved bit, it must use the default value specified in this data sheet.
The ICS1893AG uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the
ICS1893AG, an STA must maintain the default value of these bits. Therefore, ICS recommends that during
any STA write operation, an STA write the default value to all reserved bits, even those bits that are Read
Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com