Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRLM101AX-R-H Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MRLM101AX-R-H
Description  SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MRLM101AX-R-H Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MRLM101AX-R-H Datasheet HTML 1Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 2Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 3Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 4Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 5Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 6Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 7Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 8Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MICROCIRCUIT DATA SHEET
MRLM101A-X-RH REV 1B2
Features
- Offset voltage 3 mV maximum over temperature
- Input current 100 nA maximum over temperature
- Offset current 20 nA maximum over temperature
- Guaranteed drift characteristics
- Offsets guaranteed over entire common mode and supply voltage ranges
- Slew rate of 10V/us as a summing amplifier
CONTROLLING DOCUMENTS:
LM101AH-QMLV
5962-9951501VGA
LM101AHRQMLV
5962R9951501VGA
LM101AJ-QMLV
5962-9951501VPA
LM101AW-QMLV
5962-9951501VHA
LM101AWRQMLV
5962R9951501VHA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com