Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRLM101AX-R-H Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MRLM101AX-R-H
Description  SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MRLM101AX-R-H Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button MRLM101AX-R-H Datasheet HTML 3Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 4Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 5Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 6Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 7Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 8Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 9Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 10Page - National Semiconductor (TI) MRLM101AX-R-H Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MRLM101A-X-RH REV 1B2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 Ohms.
"Delta calculations performed on JAN S and QMLV devices at group
B, subgroup 5 only".
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
Vcm = 0V
-0.5
0.5
mV
1
Iib+
Input Bias
Current
Vcm = 0V, Rs = 100K Ohms
-7.5
7.5
nA
1
Iib-
Input Bias
Current
Vcm = 0V, Rs = 100K Ohms
-7.5
7.5
nA
1
Note 1:
Calculated parameter.
Note 2:
Datalog reading of K = V/mV.
Note 3:
Pre and post irradiation limits are identical to those listed under AC and DC
electrical characteristics except as listed in the Post Radiation Limits Table. These
parts may be dose rate sensitive in a space environment and demonstrate enhanced low
dose rate effect. Radiation end point limits for the noted parameters are guaranteed
only for the conditions as specified in MIL-STD-883, Method 1019.5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com