Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCLK914BCPZ-R7
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADCLK914BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADCLK914
Rev. B | Page 3 of 11
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCC = 3.3 V, VEE = 0 V, TA = −40°C to +125°C. All outputs terminated through 50 Ω to VCC, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC INPUT CHARACTERISTICS
Input High Voltage
VIH
VEE + 1.65
VCC
V
Input Low Voltage
VIL
VEE
VCC − 0.2
V
Input Differential Range
VID
0.2
3.4
V p-p
TA = −40°C to +85°C
(±1.7 V between input pins)
0.2
2.8
V p-p
TA = 85°C to 125°C
(±1.4 V between input pins)
Input Capacitance
CIN
0.4
pF
Input Resistance
50
Ω
Differential Mode
100
Ω
Common Mode
50
kΩ
Open termination
Input Bias Current
20
µA
DC OUTPUT CHARACTERISTICS
Output High Voltage
VOH
VCC − 0.55
VCC − 0.40
VCC − 0.25
V
Output Low Voltage
VOL
VCC − 2.75
VCC − 2.35
VCC − 1.9
V
Output Differential Range
VOD
1.54
1.95
2.22
V
Reference Voltage
VREF
Output Voltage
(VCC + 1)/2
V
−500 μA to +500 μA
Output Resistance
250
Ω
AC PERFORMANCE
Operating Frequency
7.5
GHz
>1.1 V differential output swing,
VCC = 3.3 V ± 10%
Propagation Delay
tPD
127
158
202
ps
VCC = 3.3 V ± 10%,VICM = VREF,
VID = 1.6 V p-p
Propagation Delay Temperature
Coefficient
140
fs/°C
Propagation Delay Skew (Device
to Device)
65
ps
VID = 1.6 V p-p
Output Rise Time
tR
100
125
ps
20%/80%
Output Fall Time
tF
80
95
ps
80%/20%
Wideband Random Jitter1
RJ
110
fs rms
VID = 1.6 V p-p, 6 V/ns, VICM = 1.85 V
Additive Phase Noise
622.08 MHz
−132
dBc/Hz
@10 Hz offset
−143
dBc/Hz
@100 Hz offset
−151
dBc/Hz
@1 kHz offset
−156
dBc/Hz
@10 kHz offset
−157
dBc/Hz
@100 kHz offset
−156
dBc/Hz
>1 MHz offset
245.76 MHz
−133
dBc/Hz
@10 Hz offset
−143
dBc/Hz
@100 Hz offset
−153
dBc/Hz
@1 kHz offset
−158
dBc/Hz
@10 kHz offset
−159
dBc/Hz
@100 kHz offset
−158
dBc/Hz
>1 MHz offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com