Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCLK914BCPZ-R7
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCLK914BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADCLK914BCPZ-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADCLK914
Data Sheet
Rev. B | Page 10 of 11
TYPICAL APPLICATION CIRCUITS
VREF
VCC
VT
D
D
CONNECT VT TO VCC.
Figure 15. Interfacing to CML Inputs
VREF
VT
D
D
NOTES
1. PLACING A BYPASS CAPACITOR
FROM VT TO GROUND CAN IMPROVE
THE NOISE PERFORMANCE.
CONNECT VT TO VREF.
Figure 16. AC Coupling Differential Signals
VEE
40mA
VEE
7mA
VEE
7mA
Q
Q
VCC
Figure 17. Interfacing to High Speed DAC
VREF
VCC – 2V
VT
D
D
CONNECT VT TO VCC – 2V.
Figure 18. Interfacing to ECL Inputs
VREF
VT
D
D
CONNECT VT, VREF, AND D. PLACE A BYPASS
CAPACITOR FROM VT TO GROUND.
ALTERNATIVELY, VT, VREF, AND D CAN BE
CONNECTED, GIVING A CLEANER LAYOUT AND
A 180º PHASE SHIFT.
Figure 19. Interfacing to AC-Coupled, Single-Ended Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com