Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1003SG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1003SG
Description  HIGH EFFICIENCY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003SG Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1003SG Datasheet HTML 1Page - STMicroelectronics STTH1003SG Datasheet HTML 2Page - STMicroelectronics STTH1003SG Datasheet HTML 3Page - STMicroelectronics STTH1003SG Datasheet HTML 4Page - STMicroelectronics STTH1003SG Datasheet HTML 5Page - STMicroelectronics STTH1003SG Datasheet HTML 6Page - STMicroelectronics STTH1003SG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/8
STTH1003S
HIGH EFFICIENCY RECTIFIER
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS) RMS forward voltage
20
A
IF(AV)
Average forward current
Tc = 150°C δ = 0.5
10
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
100
A
IRSM
Non repetitive avalanche current
tp = 20 µs square
4A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
A
K
A
TO-220FPAB
STTH1003SFP
K
A
A
A
K
K
A
D2PAK
STTH1003SG
A
K
K
A
DPAK
STTH1003SB
August 2005
REV. 1
Table 1: Main Product Characteristics
FEATURES AND BENEFITS
■ Ultrafast recovery
■ Low power losses
■ High surge capability
■ Low leakage current
■ High junction temperature
DESCRIPTION
The STTH1003S is an Ultrafast Recovery Power
Rectifier dedicated to energy recovery in PDP
application.
It is especially designed for clamping function in
energy recovery block.
The compromise between forward voltage drop
and recovery time offer optimized performances.
IF(AV)
10 A
VRRM
300 V
trr (typ)
13 ns
Tj
175°C
VF (typ)
0.9 V
Table 2: Order Codes
Part Numbers
Marking
STTH1003SFP
STTH1003SFP
STTH1003SB
STTH1003SB
STTH1003SB-TR
STTH1003SB
STTH1003SG
STTH1003SG
STTH1003SG-TR
STTH1003SG


Similar Part No. - STTH1003SG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1003S-Y STMICROELECTRONICS-STTH1003S-Y Datasheet
81Kb / 7P
Automotive high efficiency rectifier
24-Oct-2012
STTH1003S-Y STMICROELECTRONICS-STTH1003S-Y Datasheet
443Kb / 10P
Automotive 300 V, 10 A high efficiency ultrafast diode
25-Jun-2025
STTH1003S-Y STMICROELECTRONICS-STTH1003S-Y_V01 Datasheet
443Kb / 10P
Automotive 300 V, 10 A high efficiency ultrafast diode
25-Jun-2025
STTH1003SBY-TR STMICROELECTRONICS-STTH1003SBY-TR Datasheet
81Kb / 7P
Automotive high efficiency rectifier
24-Oct-2012
STTH1003SBY-TR STMICROELECTRONICS-STTH1003SBY-TR Datasheet
443Kb / 10P
Automotive 300 V, 10 A high efficiency ultrafast diode
25-Jun-2025
More results

Similar Description - STTH1003SG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com