Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1003SG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1003SG
Description  HIGH EFFICIENCY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003SG Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1003SG Datasheet HTML 1Page - STMicroelectronics STTH1003SG Datasheet HTML 2Page - STMicroelectronics STTH1003SG Datasheet HTML 3Page - STMicroelectronics STTH1003SG Datasheet HTML 4Page - STMicroelectronics STTH1003SG Datasheet HTML 5Page - STMicroelectronics STTH1003SG Datasheet HTML 6Page - STMicroelectronics STTH1003SG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STTH1003S
2/8
Table 4:Thermal Parameters
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.86 x IF(AV) + 0.024 IF
2
(RMS)
Table 6: Recovery Characteristics
Symbol
Parameter
Package
Value
Unit
Rth(j-c)
Junction to case
DPAK
4
°C/W
D2PAK
4
TO220FP
6
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
10
µA
Tj = 125°C
10
100
VF **
Forward voltage drop
Tj = 25°C
IF = 10A
1.30
V
Tj = 125°C
0.9
1.1
Symbol
Parameter
Test conditions
Min.
Typ Max.
Unit
trr
Reverse recovery time
Tj = 25°C
IF = 0.5A
Irr = 0.25A
IR = 1A
13
17
ns
IF = 1A
VR = 30V
dIF/dt = -50 A/µs
28
35
tfr
Forward recovery time
Tj = 25°C
IF = 10A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
200
ns
IRM
Reverse recovery current
Tj = 125°C
IF = 10A
VCC = 200V
dIF/dt = 200 A/µs
5.7
7.5
A
Sfactor
Softness factor
0.3
VFP
Peak forward voltage
Tj = 25°C
IF = 10A
dIF/dt = 100 A/µs
2.5
3.5
V
Figure 1: Forward voltage drop versus current
(maximum values)
Figure 2: Peak reverse recovery current versus
dIF/dt (90% confidence)
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.1
1.0
10.0
100.0
I
(A)
FM
V
(V)
FM
T =125°C
j
T =25°C
j
T =75°C
j
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
14
16
I
(A)
RM
dI /dt(A/µs)
F
V =200V
T =125°C
R
j
I = 2xI
FF(AV)
I= I
FF(AV)
I = 0.5xI
FF(AV)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com