Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7166X Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7166X
Description  1.2MHz, High Voltage, Boost Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7166X Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7166X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7166X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7166X Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7166X Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE7166X
1.2MHz, High Voltage, Boost Converter
VER 1.2
2
Ordering information
ACE7166X XXX + H
Typical Application
VIN
VOUT
R3
2.6~3.6V
5V
120KΩ
2.6~5.3V
7V
82KΩ
2.6~5.5V
7.5~27V
Halogen - free
BNS: TSOT-23-5
Pb - free



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com