Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7166X Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7166X
Description  1.2MHz, High Voltage, Boost Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7166X Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7166X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7166X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7166X Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7166X Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE7166X
1.2MHz, High Voltage, Boost Converter
VER 1.2
1
Description
The ACE7166X is a current mode step up converter intended for small, low power applications. The
converter input voltage ranging from 2.6V to 5.5V. The Output voltage can be set up to 27V. The
frequency is 1.2MHz allows the use of small external inductors and capacitors and provides fast transient
response. Internal soft start results in small inrush current and extends battery life. Internal power
MOSFET with very low RDS (ON) provides high efficiency. The ACE7166X automatically transits from PWM
to PFM during light load condition further increasing efficiency. The converter also provides protection
functions such as under-voltage lockout, current limit and thermal shutdown. The ACE7166X is available
in 5-pin TSOT-23 package.
Features
⚫
2.6V to 5.5 V operating input voltage range
⚫
Adjustable output voltage range up to 27V
⚫
1.2MHz Fixed Switching Frequency
⚫
Internal soft-start function
⚫
Current limit and Thermal shutdown protection
⚫
Under voltage Lockout
⚫
≤ 1µA Shutdown Current
⚫
Available in the 5-pin TSOT-23 Package
⚫
RoHS and Halogen free compliance.
Application
• Cellphone and Smartphone
• MID or Tablet PC
• TFT-bias for LCD screen
• Power for OLED
Absolute Maximum Rating (at TA=25°C)
Parameter
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 6.5
V
EN,FB Pin Voltage
GND - 0.3 to VCC + 0.3
V
SW Pin Voltage
VSW
30
V
Power Dissipation
PD
(TJ-TA) / θJA
mW
Storage Temperature Range
TST
-40 to 150
°C
Operating Junction Temperature Range
TOP
-40 to 125
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W


Similar Part No. - ACE7166X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE716 ETC1-ACE716 Datasheet
93Kb / 1P
RUGGED AC/DC INPUT 150W POWER SUPPLY
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
ACE7168RGMH ACE-ACE7168RGMH Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
ACE716E ACE-ACE716E Datasheet
582Kb / 10P
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.2
More results

Similar Description - ACE7166X

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
APE1920 A-POWER-APE1920 Datasheet
1Mb / 16P
680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com