Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7212Y Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7212Y
Description  High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7212Y Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7212Y Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7212Y Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7212Y Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7212Y Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE7212Y
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (V+
– V-)
28
V
EN, LX Voltage
VIN+0.3
V
FB, BS Voltage
4
V
Power Dissipation, PD @ TA = 25°C, SOT-23-6
0.6
W
Package Thermal Resistance
ӨJA
170
°C/W
ӨJC
130
Storage Temperature Range
-65 to 150
°C
Junction Temperature Range
150
°C
Lead Temperature Range
260
°C
HBM ESD, JESD22-A114
VIN Pin
±1
kV
Other Pins
±2
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other condition beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Recommended Work Conditions
Parameter
Rating
Unit
Supply Voltage
4.5 to 24
V
Junction Temperature Range
-40 to 125
°C
Ambient Temperature Range
-40 to 85
°C
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
Operating conditions are specified to ensure optimal performance to the datasheet specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com