Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7212Y Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7212Y
Description  High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7212Y Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7212Y Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7212Y Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7212Y Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7212Y Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE7212Y
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
1
Description
The ACE7212Y is high-efficiency, high frequency synchronous step-down DC-DC regulator ICs
capable of delivering up to 2A continuous output currents. The ACE7212Y family operate over a wide
input voltage range from 4.5V to 24V and integrate main switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss.
ACE7212Y adopts the COT architecture to achieve fast transient responses for high step-down
applications and high efficiency at light loads. In addition, it operates at pseudo-constant frequency of
500kHz under heavy load conditions to minimize the size of inductor and capacitor.
Features
⚫
Low RDS(ON) for internal switches (top/bottom) 130mΩ/90mΩ, 2.0A DC current
⚫
4.5-24V input voltage range
⚫
High-Efficiency Synchronous-Mode
⚫
Internal soft start limits the inrush current
⚫
Over Current protection
⚫
Thermal shutdown
⚫
Green package:
⚫
SOT23-6 is pin compatible.
Application
⚫
Portable Navigation Device
⚫
Set Top Box
⚫
Portable TV
⚫
LCD TV


Similar Part No. - ACE7212Y

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7212Y

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2314 MPS-MPQ2314 Datasheet
842Kb / 21P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
MP2314 MPS-MP2314 Datasheet
738Kb / 18P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
9/17/2014 Rev. 1.02
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2324 MPS-MP2324 Datasheet
1Mb / 17P
High Efficiency 2A, 24V, 500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com