Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-USB-SPI-PICO Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # SC-USB-SPI-PICO
Description  USB-to-SPI Interface Adapter for SC1905 and SC1894
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC-USB-SPI-PICO Datasheet(HTML) 1 Page - Maxim Integrated Products

  SC-USB-SPI-PICO Datasheet HTML 1Page - Maxim Integrated Products SC-USB-SPI-PICO Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB-to-SPI Interface Adapter for
SC1905 and SC1894
SC-USB-SPI-PICO
General Description
SC-USB-SPI is an adapter used for converting a computer’s
USB interface connection to the serial parallel interface
(SPI) used by the SC1905 and the SC1894 (RFPAL).
It is recommended for prototypes debug and/or programming
linearizer during manufacturing.
RFPAL GUI installation package installs necessary drivers
in order to work on Windows® 7 or Windows 10 with USB
2.0 or USB 3.0.
Features
● USB interface connection to the serial parallel
interface to the SC1894 and the SC1905
● Windows 10, Windows 7
● USB 3.0 and USB 2.0
319-100290; Rev 0; 12/18
Connector Interface Descriptions
J1- RFPAL Interface
* : For factory use only.
** : Signal not used on Evaluation Board (SC1894/SC1905)
PART NUMBER
DESCRIPTION
SC-USB-SPI-PICO
Adapter from USB to interface to the
SC1905 and SC1894 serial parallel
interface
PIN
DESCRIPTIONS
CONNECTION TO RFPAL
1
WDT (Watch Dog
Timer) *
J1-1 (TESTSEL2) **
2
Spare**
J1-2 (TESTSEL1) **
3
TESTSEL0
J1-3 (TESTSEL0)
4
STATO
J1-4 (STATO_B)
5
TXENB
J1-5 (TXENB)
6
RESETN
J1-6 (RESETN)
7
GND
J1-7 (GND)
8
SSN
J1-8 (SSN)
9
GND
J1-9 (GND)
10
SDO
J1-10 (SDI)
11
GND
J1-11 (GND)
12
SDI
J1-12 (SDO_B)
13
GND
J1-13 (GND)
14
SCK
J1-14 (SCLK)
Windows is a registered trademark and registered service mark
of Microsoft Corporation.
Adapter Ordering Information
Click
here for production status of specific part numbers.


Similar Part No. - SC-USB-SPI-PICO

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC-USB-SPI MAXIM-SC-USB-SPI Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
More results

Similar Description - SC-USB-SPI-PICO

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
USB Peripheral Controller with SPI Interface
Rev 2; 6/07
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
Texas Instruments
SLLU093 TI1-SLLU093 Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
logo
IC-Haus GmbH
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Tripp Lite. All Rights ...
B015000 TRIPPLITE-B015000 Datasheet
489Kb / 2P
USB to PS-2 Adapter for Keyboard and Mouse
logo
Maxim Integrated Produc...
INTF3000 MAXIM-INTF3000 Datasheet
2Mb / 19P
EV Kits Requiring SPI/ Parallel to USB Interface
Rev 0; 11/15
logo
Intersil Corporation
ZLUSBEVAL3Z INTERSIL-ZLUSBEVAL3Z Datasheet
231Kb / 3P
USB to PMBus Adapter and Cable
September 29, 2014
logo
Pepperl+Fuchs Inc.
K-ADP-USB PF-K-ADP-USB Datasheet
805Kb / 2P
Adapter with USB Interface
S-ADP-USB PF-S-ADP-USB Datasheet
507Kb / 2P
Adapter with USB Interface
2020-09-23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com