Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # SC2200
Description  Dual RF Power Amplifier Linearizer (RFPAL)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC2200 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button SC2200 Datasheet HTML 3Page - Maxim Integrated Products SC2200 Datasheet HTML 4Page - Maxim Integrated Products SC2200 Datasheet HTML 5Page - Maxim Integrated Products SC2200 Datasheet HTML 6Page - Maxim Integrated Products SC2200 Datasheet HTML 7Page - Maxim Integrated Products SC2200 Datasheet HTML 8Page - Maxim Integrated Products SC2200 Datasheet HTML 9Page - Maxim Integrated Products SC2200 Datasheet HTML 10Page - Maxim Integrated Products SC2200 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TEST METHODOLOGY
CLASS
VOLTAGE
UNIT
Human Body Model (per JS-001-2012)
1C
1000
V
Charge Device Model (per JESD22-C101)
II
250
V
ESD (Electro-Static Discharge) sensitive device. Although this product incorporates ESD protection circuitry, permanent damage may occur on
devices subjected to electrostatic discharges. Proper ESD precautions are recommended to avoid performance degradation or device failure.
SC2200 RECOMMENDED FOR SMALL CELLS
FEEDBACK
COUPLER
1.8V
POWER
SUPPLY
SLAVE SPI
RFINA
SPI
RFINA
RFOUTA
VDD
OPTIONAL
CRYSTAL
RFINDLYA
TX PATH “A”
RFFBA
EXTERNAL
CLOCK
XTALI XTALO
RFOUT
TX PATH “B”
RFFBB
RF
AMP
FEEDBACK
COUPLER
DUPLEXER
/ FILTER
RECEIVER
DUPLEXER
/ FILTER
RECEIVER
SC2200
FORWARD (FEEDBACK) POWER
FORWARD (FEEDBACK) POWER
DELAY
OPTIONAL
RFINDLYB
RFINB
RFINB
DELAY
OPTIONAL
ATTEN.
ATTEN.
VDD
RF
AMP
DUAL RFPAL
COUPLER
COUPLER
RFOUTB
SC2200
Dual RF Power Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 9
ESD
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com