Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # SC2200
Description  Dual RF Power Amplifier Linearizer (RFPAL)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC2200 Datasheet(HTML) 3 Page - Maxim Integrated Products

  SC2200 Datasheet HTML 1Page - Maxim Integrated Products SC2200 Datasheet HTML 2Page - Maxim Integrated Products SC2200 Datasheet HTML 3Page - Maxim Integrated Products SC2200 Datasheet HTML 4Page - Maxim Integrated Products SC2200 Datasheet HTML 5Page - Maxim Integrated Products SC2200 Datasheet HTML 6Page - Maxim Integrated Products SC2200 Datasheet HTML 7Page - Maxim Integrated Products SC2200 Datasheet HTML 8Page - Maxim Integrated Products SC2200 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RF Range for Maximum Correction—698MHz to 2700MHz
(Operation at TA = +25°C, VAVDD18 = 1.8V, VDVDDIO = 1.8V, VDVDD18 = 1.8V and 20MHz external clock, unless otherwise specified.)
Digital I/O—DC Characteristics
(Guaranteed performance across worst-case supply voltage and temperature range, unless otherwise specified.)
Note 9:
Peak power is defined as the 10-4 point on the CCDF (complementary cumulative distribution function) of the signal.
Note 10: PA operated at maximum power.
Note 11: PRFOUT_PK must be below +7dBm pk under all conditions.
Note 12: Only when the internal through path is enabled.
Note 13: IO type (input/output, pull up/down, push pull, open drain…) is programmable for DIO* pins. Refer to the Programming
Guide and HW Design Guide for more information.
Note 14: User can configure the SC2200 to accept the following external clock frequencies: 10, 13, 15.36, 19.2, 20, 26 and
30.72MHz. External clock frequency other than 20MHz requires programming through the SPI bus. Refer to the
Programming Guide and Hardware Design Guide for more information.
Note 13: IO type (input/output, pull up/down, push pull, open drain…) is programmable for DIO* pins. Refer to the Programming
Guide and HW Design Guide for more information.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RFIN Peak Power
(Note 9)
PRFIN_PKL
698MHz–2200MHz (Note 10)
-3
0
3
dBm
PRFIN_PKH
2200MHz–2700MHz (Note 10)
-3
0
3
PRFINRG_PKL
Operating range, 698MHz–2200MHz
-32
3
PRFINRG_PKH
Operating range,
2200MHz–2700MHz
-32
3
RFINDLY Peak Power
(Notes 9, 11)
PRFINDLY_PK
PA operated at maximum power
-11
-8
-5
dBm
PRFINDLYRG_PK Operating range
-40
-5
RFFB Peak Power
(Note 9)
PRFFB_PK
PA operated at maximum power
-8
-4
-2
dBm
PRFFBRG_PK
Operating range
-37
-2
RFOUT Peak Power
(Note 9)
PRFOUT _PKL
PA operated at maximum power (Note 12)
698MHz–2200MHz (Note 10)
-1
2
5
dBm
PRFOUT _PKH
PA operated at maximum power (Note 12)
2200MHz–2700MHz (Note 10)
-1
2
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Input Logic-Low
VIL
-0.2
0.2 x VDD
V
CMOS Input Logic-High
VIH
VDD = DVDDIO
VDD x 0.8
VDD x 1.1
V
CMOS Output Logic-High
VOH
VDD = DVDDIO
VDD x 0.9
VDD
V
CMOS Output Logic-Low
VOL
0.0
0.1 x VDD
V
CMOS Output Current
(Note 13)
IOL18/IOH18
VDVDDIO = 1.8V
-4.0
+4.0
mA
SC2200
Dual RF Power Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com