Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1889 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # SC1889
Description  Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1889 Datasheet(HTML) 2 Page - Maxim Integrated Products

  SC1889 Datasheet HTML 1Page - Maxim Integrated Products SC1889 Datasheet HTML 2Page - Maxim Integrated Products SC1889 Datasheet HTML 3Page - Maxim Integrated Products SC1889 Datasheet HTML 4Page - Maxim Integrated Products SC1889 Datasheet HTML 5Page - Maxim Integrated Products SC1889 Datasheet HTML 6Page - Maxim Integrated Products SC1889 Datasheet HTML 7Page - Maxim Integrated Products SC1889 Datasheet HTML 8Page - Maxim Integrated Products SC1889 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
19-6955; Rev 0.1; August 2014
2
Application Block Diagram
Introduction to Predistortion Using the SC1889
Wideband signals in today’s telecommunications systems have high peak-to-average ratios and stringent
spectral regrowth specifications. These specifications place high linearity demands on power amplifiers.
Linearity may be achieved by backing off output power at the price of reducing efficiency. However, this
increases the component and operating costs of the power amplifier. Better linearity may be achieved
through the use of digital predistortion and other linearization techniques, but many of these are time
consuming and costly to implement.
Wireless service providers are deploying networks with wider coverage, greater subscriber density, and
higher data rates. These networks require more efficient power amplifiers. Additionally, the emergence of
distributed architectures and active antenna systems is driving the need for smaller and more efficient
power amplifier implementations. Further, there continues to be a strong push toward reducing the total
capital and operating costs of base stations.
With the SC1889, the complex signal processing is done in the RF domain resulting in a simple system-on-
chip that offers wide signal bandwidth, broad frequency of operation, and very low power consumption. It is
an elegant solution that reduces development costs and speeds time to market. Applicable across a broad
range of signals — including 2G, 3G, 4G wireless, and other modulation types—the powerful analog signal
processing engine is capable of linearizing the most efficient power amplifier topologies. The SC1889 is a
true RFin and RFout solution, supporting modular power amplifier designs that are independent of the
baseband and transceiver subsystems. The SC1889 delivers the required efficiency and performance
demanded by today’s wireless systems.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com