Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1889 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # SC1889
Description  Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1889 Datasheet(HTML) 5 Page - Maxim Integrated Products

  SC1889 Datasheet HTML 1Page - Maxim Integrated Products SC1889 Datasheet HTML 2Page - Maxim Integrated Products SC1889 Datasheet HTML 3Page - Maxim Integrated Products SC1889 Datasheet HTML 4Page - Maxim Integrated Products SC1889 Datasheet HTML 5Page - Maxim Integrated Products SC1889 Datasheet HTML 6Page - Maxim Integrated Products SC1889 Datasheet HTML 7Page - Maxim Integrated Products SC1889 Datasheet HTML 8Page - Maxim Integrated Products SC1889 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Pin Description (continued)
PIN
NAME
TYPE
FUNCTION
33
FLTCAP0P
Analog Out
Dedicated external filter capacitor #0.
34
FLTCAP0N
35
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
36
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
37
FLTCAP1P
Analog Out
Dedicated external filter capacitor #1.
38
FLTCAP1N
39
FLTCAP2P
Analog Out
Dedicated external filter capacitor #2.
40
FLTCAP2N
41
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
42
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
43
FLTCAP3P
Analog Out
Dedicated external filter capacitor #3.
44
FLTCAP3N
45
XTALI
Analog In
20 MHz clock reference from crystal or resonator.
46
XTALO
Analog Out
47
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
48
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
49
RESETN
Digital In
Reset when "Low". Has internal pullup to DVDD33.
50
WDTEN
Digital In
Watch Dog Timer Enable. WDTEN enabled when high. Has
internal pullup to DVDD33. See applications schematic for
further details.
51
SCLK
Digital In
SPI clock. Has internal pulldown to GND.
52
SSN
Digital In
SPI slave select enabled "Low". Has internal pullup to DVDD33.
53
SDI
Digital In
SPI slave data input to RFPAL. Has internal pulldown to GND.
54
SDO
Digital Out
SPI slave data output from RFPAL. Three-state. DVDD33 logic.
55
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
56
TXENB
Digital In
Reserved
Transmit Enable. Do not connect. Reserved for future use.
Has internal pullup to DVDD33. See applications schematic for
further details.
57
STATO
Digital Out
General purpose Status Output as defined in Firmware Release
Notes. Open-drain output with internal pullup to DVDD33.
58
DVDD33
Supply
+3.3V DC Supply Voltage for digital circuits.
59
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
60
TESTSEL0
Digital In
Test Select 0. Required for FW upgrades. Has internal pulldown
to GND. See applications schematic for further details.
61
TESTSEL1
Digital In
Reserved
Do not connect. Reserved for internal use.
Has internal pulldown to GND.
62
TESTSEL2
Digital In
Reserved
Do not connect. Reserved for internal use.
Has internal pulldown to GND.
63
RESERVED8
Digital In
Reserved
Do not connect. Reserved for internal use.
Has internal pulldown to GND.
64
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
65
GNDPAD
Supply
Common Ground for entire integrated circuit. Also provides path
for thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com