Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01A Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS554-01A
Description  LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS554-01A Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS554-01A Datasheet HTML 1Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 2Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 3Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 4Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 5Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
MDS 554-01A A
2
Revision 101904
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS554-01A
Pin Assignment
Pin Descriptions
12
1
11
2
10
3
9
NC
4
VDD
5
6
VDD
7
Q0
8
Q3
Q3
Q2
Q1
IN
GND
GND
16
15
14
13
IN
NC
16-pin 173 mil (0.65mm) TSSOP
Q0
Q1
Q2
Number
Name
Type
Pin Description
1
NC
—
No Connect.
2
VDD
Power
Connect to +3.3 V or 5 V. Must be same as pin 15.
3Q0
Output
Clock Output Q0.
4
Q0
Output
Clock Output Q0.
5
Q1
Output
Clock Output Q1.
6Q1
Output
Clock Output Q1.
7
GND
Power
Connect to Ground.
8
IN
Input
PECL Clock Input.
9IN
Input
Complementary PECL Clock Input.
10
GND
Power
Connect to Ground
11
Q2
Output
Clock Output Q2.
12
Q2
Output
Clock Output Q2.
13
Q3
Output
Clock Output Q3.
14
Q3
Output
Clock Output Q3.
15
VDD
Power
Connect to +3.3 V or 5 V. Must be same as pin 2.
16
NC
—
No Connect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com