Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01A Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS554-01A
Description  LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS554-01A Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS554-01A Datasheet HTML 1Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 2Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 3Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 4Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 5Page - Integrated Circuit Systems ICS554-01A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
MDS 554-01A A
3
Revision 101904
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS554-01A
External Components
The ICS554-01A requires a decoupling capacitor of 0.01
µF to be connected between VDD on pin 2 and
GND on pin 7, as well as between VDD on pin 15 and GND on pin 10. These decoupling capacitors should
be placed as close to the device as possible.
To achieve the low output skews that the ICS554-01A is capable of, careful attention must be paid to board
layout. Essentially, all 8 outputs must have identical terminations, loads, and trace geometries. If they do
not, the output skew will be degraded. For example, using a 30
Ω series termination on one output (with
33
Ω on the others) will cause at least 15ps of skew.
Termination for PECL or LVPECL Outputs
The clock layout topology shown below is a typical termination for PECL or LVPECL outputs. The two
different layouts mentioned are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that generate PECL/LVPECL compatible outputs.
Therefore, termination resistors (DC current path to ground) or current sources must be used for
functionality. These outputs are designed to drive 50 ohm transmission lines. Matched impedance
techniques should be used to maximize operating frequency and minimize signal distortion. There are a
few simple termination schemes. The figures below show two different layouts which are recommended
only as guidelines. Other suitable clock layouts may exist, but it is recommended that board designers
simulate to guarantee compatibility across all printed circuit and clock component process variations.
PECL or LVPECL Output Termination
LVPECL Output Termination
Z
0 = 50 ohms
F
OUT
F
IN
Z
0 = 50 ohms
50 ohms
50 ohms
C1
RTT
RTT =
Z
0
(V
OH + VOL / VCC -2) -2
1
C1 = 0.1µF to 0.01µF
Z
0 = 50 ohms
F
OUT
F
IN
Z
0 = 50 ohms
Z
0
3.3 V
5
2
3 2
5
2
Z
0
Z
0
3 2 Z
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com