Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402I Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8402I
Description  350MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8402I Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8402I Datasheet HTML 5Page - Integrated Circuit Systems ICS8402I Datasheet HTML 6Page - Integrated Circuit Systems ICS8402I Datasheet HTML 7Page - Integrated Circuit Systems ICS8402I Datasheet HTML 8Page - Integrated Circuit Systems ICS8402I Datasheet HTML 9Page - Integrated Circuit Systems ICS8402I Datasheet HTML 10Page - Integrated Circuit Systems ICS8402I Datasheet HTML 11Page - Integrated Circuit Systems ICS8402I Datasheet HTML 12Page - Integrated Circuit Systems ICS8402I Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8402AYI
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 23, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER
Figure 3. CRYSTAL INPUt INTERFACE
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8402I provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 2 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
DDA pin.
FIGURE 2. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD
POWER SUPPLY FILTERING TECHNIQUES
ICS84332
XTAL_IN
XTAL_OUT
X1
18pF Parallel Cry stal
C2
22p
C1
22p
ICS8402I
CRYSTAL INPUT INTERFACE
The ICS8402I has been characterized with 18pF parallel
resonant cr ystals. The capacitor values, C1 and C2,
shown in
Figure 3 below were determined using a 25MHz,
18pF parallel resonant crystal and were chosen to mini-
mize the ppm error. The optimum C1 and C2 values can
be slightly adjusted for different board layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com