Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8402I
Description  350MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8402I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8402I Datasheet HTML 1Page - Integrated Circuit Systems ICS8402I Datasheet HTML 2Page - Integrated Circuit Systems ICS8402I Datasheet HTML 3Page - Integrated Circuit Systems ICS8402I Datasheet HTML 4Page - Integrated Circuit Systems ICS8402I Datasheet HTML 5Page - Integrated Circuit Systems ICS8402I Datasheet HTML 6Page - Integrated Circuit Systems ICS8402I Datasheet HTML 7Page - Integrated Circuit Systems ICS8402I Datasheet HTML 8Page - Integrated Circuit Systems ICS8402I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8402AYI
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 23, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS8402I is a general purpose, Crystal-to-
LVCMOS/LVTTL High Frequency Synthesizer and
a member of the HiPerClockS ™ family of High
Performance Clock Solutions from ICS. The
ICS8402I has a selectable TEST_CLK or crystal
inputs. The VCO operates at a frequency range of 250MHz
to 700MHz. The VCO frequency is programmed in steps equal
to the value of the input reference or crystal frequency. The
VCO and output frequency can be programmed using the
serial or parallel interfaces to the configuration logic. The low
phase noise characteristics of the ICS8402I make it an ideal
clock source for Gigabit Ethernet and SONET applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• (2) LVCMOS/LVTTL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL TEST_CLK
• Output frequency range: 15.625MHz - 350MHz
• Crystal input frequency range: 12MHz to 40MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 30ps (maximum)
• Cycle-to-cycle jitter: 100ps (maximum)
• Full 3.3V or mixed 3.3V core/2.5V output supply voltage
• -40°C to 85°C ambient operating temperature
• Lead-Free fully RoHS compliant
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL_OUT
TEST_CLK
XTAL_SEL
VDDA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
nc
GND
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS8402I
HiPerClockS™
ICS
OSC
OE0
OE1
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
Q0
Q1
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
PHASE DETECTOR
÷2
÷4
÷8
÷16
MR


Similar Part No. - ICS8402I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8402I IDT-ICS8402I Datasheet
2Mb / 19P
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8402I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8402 ICST-ICS8402 Datasheet
247Kb / 15P
350MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
REV. B OCTOBER 6, 2004
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
ICS8402I IDT-ICS8402I Datasheet
2Mb / 19P
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS8402AKIT IDT-ICS8402AKIT Datasheet
2Mb / 19P
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
840S05I IDT-840S05I Datasheet
357Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840S07I IDT-840S07I Datasheet
323Kb / 20P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05I RENESAS-840S05I Datasheet
549Kb / 22P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
840S07I RENESAS-840S07I Datasheet
515Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 14, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com