Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS558-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS558-01
Description  PECL/CMOS TO CMOS CLOCK DIVIDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS558-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS558-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS558-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS558-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS558-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS558-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS558-01
MDS 558-01 C
1
Revision 122105
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
PECL/CMOS TO CMOS CLOCK DIVIDER
Description
The ICS558-01 accepts a high speed input of either
PECL or CMOS, integrates a divider of 1, 2, 3, or 4, and
provides four CMOS low skew outputs. The chip also
has output enables so that one, three, or all four
outputs can be tri-stated.
The ICS558-01 is a member of the ICS Clock Blocks™
family of clock generation, synchronization, and
distribution devices.
Features
• 16-pin TSSOP package
• Available in Pb (lead) free package
• Selectable PECL or CMOS inputs
• Operates up to 250 MHz
• Works as a voltage translator
• Four low skew (<250 ps) outputs
• Selectable internal divider
• Operating input voltages of 3.3 V or 5.0 V
• Operating output voltages of 2.5 V, 3.3 V or 5.0 V
• Ideal for IA64 designs
Block Diagram
OE1
CLK1
CLK2
CLK3
CLK4
PECLIN
Output Divide
PECLIN
S0, S1
GND
VDDP
OE0
GND
VDDC
2
1
0
CMOSIN
SELPECL


Similar Part No. - ICS558-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results

Similar Description - ICS558-01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC949 MOTOROLA-MPC949 Datasheet
127Kb / 6P
LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
Quad CMOS to PECL* Translator
1996 REV 5
logo
Integrated Circuit Syst...
ICS508 ICST-ICS508 Datasheet
49Kb / 5P
PECL to CMOS Converter
Revision 012400
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
1 to 16 PECL to CMOS Buffalo??Clock Driver
Revision 112399
logo
ams AG
PECL_RX_C3 AMSCO-PECL_RX_C3 Datasheet
280Kb / 6P
CMOS PECL Receiver
logo
Integrated Circuit Syst...
ICS558-02 ICST-ICS558-02 Datasheet
123Kb / 5P
LVHSTL TO CMOS CLOCK DIVIDER
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
QUAD CMOS-to-PECL TRANSLATOR
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com