Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS613MT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS613MT
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS613MT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS613MT Datasheet HTML 1Page - Integrated Circuit Systems ICS613MT Datasheet HTML 2Page - Integrated Circuit Systems ICS613MT Datasheet HTML 3Page - Integrated Circuit Systems ICS613MT Datasheet HTML 4Page - Integrated Circuit Systems ICS613MT Datasheet HTML 5Page - Integrated Circuit Systems ICS613MT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MDS 613 C
1
Revision 111204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613
Description
The ICS613 is a low cost, low phase noise, high
performance clock synthesizer for any applications that
require low phase noise and low jitter. It is ICS’ lowest
phase noise multiplier. Using ICS’ patented analog and
digital Phase Locked Loop (PLL) techniques, the chip
can accept a 25MHz crystal or clock input, and
produces output clocks up to 157.5 MHz.
The chip has separate power supplies for the clock
outputs, allowing each output to be run at different
voltages. It also allows the core of the chip to operate at
3.3V, while the output clocks run at either 2.5V or 3.3V.
Features
Packaged in 16 pin SOIC
Available in Pb (lead) free package
Uses a fundamental 25MHz crystal or clock
Operating voltage of 3.3 V
Separate output voltage supplies which can run at
2.5 V or 3.3 V
Output clocks up to 157.5 MHz
Low phase noise: -110 dBc/Hz at 10 kHz
Low jitter of 36 ps (one sigma)
Advanced, low power, sub-micron CMOS process
Block Diagram
GND
5
Reference
Divider
Phase
Comparator,
Charge Pump,
and Loop Filter
VCO
VCO
Divider
Output
Divider
S2:SO
X1/ICLK
X2
Crystal or
clock input
Capacitors must be used
with a crystal input
Crystal
Oscillator
VDDO1
VDD
2
CLK1
CLK2
VDDO2
3


Similar Part No. - ICS613MT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS614-01 ICST-ICS614-01 Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
ICS614M-01 ICST-ICS614M-01 Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
ICS614M-01T ICST-ICS614M-01T Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
ICS615M ICST-ICS615M Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
More results

Similar Description - ICS613MT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com