Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4BA66 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB4BA66
Description  Head for non illuminated push button, Harmony XB4, blue recessed pushbutton 횠22 mm spring return unmarked
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4BA66 Datasheet(HTML) 2 Page - Schneider Electric

  ZB4BA66 Datasheet HTML 1Page - Schneider Electric ZB4BA66 Datasheet HTML 2Page - Schneider Electric ZB4BA66 Datasheet HTML 3Page - Schneider Electric ZB4BA66 Datasheet HTML 4Page - Schneider Electric ZB4BA66 Datasheet HTML 5Page - Schneider Electric ZB4BA66 Datasheet HTML 6Page - Schneider Electric ZB4BA66 Datasheet HTML 7Page - Schneider Electric ZB4BA66 Datasheet HTML 8Page - Schneider Electric ZB4BA66 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Environment
Protective treatment
TH
Ambient Air Temperature for Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class I IEC 60536
IP degree of protection
IP66 IEC 60529
IP67
IP69
IP69K
NEMA degree of protection
NEMA 13
NEMA 4X
IK degree of protection
IK06 IEC 50102
Standards
EN/IEC 60947-5-5
EN/IEC 60947-5-1
UL 508
EN/IEC 60947-1
JIS C8201-5-1
CSA C22.2 No 14
EN/IEC 60947-5-4
JIS C8201-1
Product Certifications
UL Listed
LROS (Lloyds register of shipping)
GL
BV
CSA
DNV
Vibration resistance
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
Category
22468 - PUSHBUTTONS,22MM(METAL) NEW
Discount Schedule
CS2
GTIN
3389110887969
Nbr. of units in pkg.
1
Package weight(Lbs)
1.20 oz (34 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.73 in (4.4 cm)
Package 1 width
1.34 in (3.4 cm)
Package 1 Length
2.09 in (5.3 cm)
Unit Type of Package 2
S01
Number of Units in Package 2
50
Package 2 Weight
4.24 lb(US) (1.925 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
5.91 in (15 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com