Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4BA66 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB4BA66
Description  Head for non illuminated push button, Harmony XB4, blue recessed pushbutton 횠22 mm spring return unmarked
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4BA66 Datasheet(HTML) 1 Page - Schneider Electric

  ZB4BA66 Datasheet HTML 1Page - Schneider Electric ZB4BA66 Datasheet HTML 2Page - Schneider Electric ZB4BA66 Datasheet HTML 3Page - Schneider Electric ZB4BA66 Datasheet HTML 4Page - Schneider Electric ZB4BA66 Datasheet HTML 5Page - Schneider Electric ZB4BA66 Datasheet HTML 6Page - Schneider Electric ZB4BA66 Datasheet HTML 7Page - Schneider Electric ZB4BA66 Datasheet HTML 8Page - Schneider Electric ZB4BA66 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product data sheet
Characteristics
ZB4BA66
Head for non illuminated push button, Harmony
XB4, blue recessed pushbutton Ø22 mm spring
return unmarked
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 35.00 USD
Main
Range of product
Harmony XB4
Product or Component Type
Head for non-illuminated push-button
Device short name
ZB4
Bezel material
Chromium plated metal
Mounting diameter
0.87 in (22 mm)
Sale per indivisible quantity
1
Head type
Standard
Shape of signaling unit head
Round
Type of operator
spring return
Operator profile
Blue recessed, unmarked
Operator additional information
High guard
Complementary
CAD overall width
1.14 in (29 mm)
CAD overall height
1.14 in (29 mm)
CAD overall depth
1.22 in (31 mm)
Mechanical durability
10000000 cycles
Electrical composition code
C1 9 single front mounting
C2 9 single and double front mounting
C11 3 single front mounting
C15 1 single front mounting
Device presentation
Basic element
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Oct 4, 2021
1


Similar Part No. - ZB4BA66

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA6 SCHNEIDER-ZB4BA6 Datasheet
400Kb / 13P
Harmony XB4, Push button head, metal, flush, blue, 횠22, spring return, unmarked
Oct 4, 2021
ZB4BA67 SCHNEIDER-ZB4BA67 Datasheet
395Kb / 13P
Head for non illuminated push button, Harmony XB4, blue flush pushbutton 횠22 mm spring return unmarked
Oct 4, 2021
ZB4BA68 SCHNEIDER-ZB4BA68 Datasheet
433Kb / 16P
Harmony XB4, Illuminated push button head, metal, flush, blue, 횠22, spring return, integral LED, for insertion legend, unmarked
Oct 4, 2021
More results

Similar Description - ZB4BA66

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA16 SCHNEIDER-ZB4BA16 Datasheet
370Kb / 13P
Head for non illuminated push button, Harmony XB4, white recessed pushbutton 횠22 mm spring return unmarked
Oct 4, 2021
ZB4BA46 SCHNEIDER-ZB4BA46 Datasheet
400Kb / 13P
Head for non illuminated push button, Harmony XB4, red recessed pushbutton 횠22 mm spring return unmarked
Oct 4, 2021
ZB4BA56 SCHNEIDER-ZB4BA56 Datasheet
356Kb / 13P
Head for non illuminated push button, Harmony XB4, yellow recessed pushbutton 횠22 mm spring return unmarked
Oct 4, 2021
ZB4BA367 SCHNEIDER-ZB4BA367 Datasheet
378Kb / 13P
Head for non illuminated push button, Harmony XB4, green recessed pushbutton 횠22 mm spring return unmarked
Oct 4, 2021
ZB5AA16 SCHNEIDER-ZB5AA16 Datasheet
426Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, white recessed pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA26 SCHNEIDER-ZB5AA26 Datasheet
405Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, black recessed pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA36 SCHNEIDER-ZB5AA36 Datasheet
402Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, green recessed pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA46 SCHNEIDER-ZB5AA46 Datasheet
464Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, red recessed pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA56 SCHNEIDER-ZB5AA56 Datasheet
432Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, yellow recessed pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA66 SCHNEIDER-ZB5AA66 Datasheet
417Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, blue recessed pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com