Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS613MLFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS613MLFT
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS613MLFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS613MLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 613 C
3
Revision 111204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS613
External Component Selection
The ICS613 requires a minimum number of external
components for proper operation.
Decoupling Capacitors
Decoupling capacitors of 0.01
µF should be connected
between VDD and GND pairs on pins 4 and 5, pins 6
and 8, pins 11 and 9, and pins 13 and 14 as close to
the ICS613 as possible. For optimum device
performance, the decoupling capacitors should be
mounted on the component side of the PCB. Avoid the
use of vias in the decoupling circuit.
Series Termination Resistor
When the PCB traces between the clock outputs and
the loads are over 1 inch, series termination should be
used. To series terminate a 50
Ω trace (a commonly
used trace impedance) place a 33
Ω resistor in series
with the clock line, as close to the clock output pin as
possible. The nominal impedance of the clock output is
20
Ω.
Crystal Tuning Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
been the crystal and device. Crystal capacitors must be
connected from each of the pins X1 and X2 to ground.
The value (in pF) of these crystal caps should equal
(CL -6pF)*2. In this equation, CL= crystal load
capacitance in pF.
Example: For a crystal with a 16 pF load capacitance,
each crystal capacitor would be 20 pF [(16-6) x 2] = 20.
Reducing Jitter and Phase Noise
For applications that only require one output, jitter and
phase noise can be reduced by tying the unused
VDDO to ground. This will stop the output clock low
which will result in less switching noise on the active
output.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS613. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Soldering Temperature
260
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com