Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS613MLFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS613MLFT
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS613MLFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS613MLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS613MLFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 613 C
4
Revision 111204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS613
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3V ±5% , Ambient temperature 0 to +70°C, unless stated otherwise
AC Electrical Characteristics
VDD = 3.3V ±5%, Ambient Temperature 0 to +70° C, unless stated otherwise
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
–
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.45
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.45
V
Output Voltage
VDDO
2.375
VDD
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage (CMOS
Level)
VOH
IOH = -4 mA
VDD-0.4
V
Input High Voltage (S2:S0)
VIH
2.5
V
Input Low Voltage (S2:S0)
VIL
0.5
V
Operating Supply Current
IDD
No load
27
mA
Short Circuit Current
IOS
±50
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fin
25
MHz
Output Frequency
fout
125
157.5
MHz
Output Rise Time
tOR
20% to 80%, CL=15pF,
VDD=3.3V
700
ps
Output Fall Time
tOF
80% to 20%, CL=15pF,
VDD=3.3V
700
ps
Output Rise Time
tOR
20% to 80%, CL=15pF,
VDDO’s=2.5V
1.0
ns
Output Fall Time
tOF
80% to 20%, CL=15pF,
VDDO’s=2.5V
1.0
ns
Output Clock Duty Cycle
tD
At VDDO’s/2, CL=15pF
45
50
55
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com