Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9217 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9217
Description  High-Performance Dual-Phase DC-DC Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9217 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9217 Datasheet HTML 9Page - Dialog Semiconductor DA9217 Datasheet HTML 10Page - Dialog Semiconductor DA9217 Datasheet HTML 11Page - Dialog Semiconductor DA9217 Datasheet HTML 12Page - Dialog Semiconductor DA9217 Datasheet HTML 13Page - Dialog Semiconductor DA9217 Datasheet HTML 14Page - Dialog Semiconductor DA9217 Datasheet HTML 15Page - Dialog Semiconductor DA9217 Datasheet HTML 16Page - Dialog Semiconductor DA9217 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DA9217
High-Performance Dual-Phase DC-DC Converter
Datasheet
Revision 2.0
18-Sep-2020
CFR0011-120-00
13 of 48
© 2020 Dialog Semiconductor
3.8
Timing Characteristics
Table 11: I2C Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
tBUS
Bus free time between a
STOP and START condition
0.5
μs
CBUS
Bus line capacitive load
150
pF
fSCL
SCL clock frequency
20
Note 1
1000
kHz
tLO_SCL
SCL low time
0.5
μs
tHI_SCL
SCL high time
0.26
μs
tRISE
SCL and SDA rise time
Requirement for input
1000
ns
tFALL
SCL and SDA fall time
Requirement for input
300
ns
tSETUP_START
Start condition setup time
0.26
μs
tHOLD_START
Start condition hold time
0.26
μs
tSETUP_STOP
Stop condition setup time
0.26
μs
tDATA
Data valid time
0.45
μs
tDATA_ACK
Data valid acknowledge time
0.45
μs
tSETUP_DATA
Data setup time
50
ns
tHOLD_DATA
Data hold time
0
ns
Note 1
Minimum clock frequency is limited to 20 kHz if I2C_TIMEOUT is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com