Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9217 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9217
Description  High-Performance Dual-Phase DC-DC Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9217 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9217 Datasheet HTML 17Page - Dialog Semiconductor DA9217 Datasheet HTML 18Page - Dialog Semiconductor DA9217 Datasheet HTML 19Page - Dialog Semiconductor DA9217 Datasheet HTML 20Page - Dialog Semiconductor DA9217 Datasheet HTML 21Page - Dialog Semiconductor DA9217 Datasheet HTML 22Page - Dialog Semiconductor DA9217 Datasheet HTML 23Page - Dialog Semiconductor DA9217 Datasheet HTML 24Page - Dialog Semiconductor DA9217 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DA9217
High-Performance Dual-Phase DC-DC Converter
Datasheet
Revision 2.0
18-Sep-2020
CFR0011-120-00
21 of 48
© 2020 Dialog Semiconductor
4.2
Internal Circuits
4.2.1
IC_EN/Chip Enable/Disable
IC_EN is chip enable/disable control input. When IC_EN = 0, all blocks except for low IQ POR are
powered-down and buck output is pulled-down.
4.2.2
nIRQ/Interrupt
The interrupt triggers events. Trigger conditions and control registers for each interrupt event are
listed in Table 13.
Some of these events are categorized as fault events and affect device operation (for example, buck
disable), see Section 4.1.6.
Table 13: Interrupt List
Name
Polarity
(Note 1)
Trigger
IRQ Status
Register
IRQ Mask
Register
Deglitch
Period
Thermal
warning
(event)
N
TJ rising above TWARN
E_TEMP_WARN
M_TEMP_WARN
0 s
Thermal
critical
(event)
N
TJ rising above TCRIT
E_TEMP_CRIT
M_TEMP_CRIT
0 s
Buck1
power-good
(event)
P
Buck1 VOUT is in power-good
voltage range
(not under- or over-voltage)
E_PG1
M_PG1
0 s
Buck1
over-voltage
(event)
N
Buck1 VOUT rising above
over-voltage
threshold (target voltage +
150 mV)
E_OV1
M_OV1
Rise:8 µs
Fall:8 µs
Buck1
under-
voltage
(event)
N
Buck1 VOUT falling below
under-voltage
threshold (target voltage -
VTH_PG)
E_UV1
M_UV1
0 s
Buck1
over-current
(event)
N
Buck1 current rising above
over-current threshold
E_OC1
M_OC1
0 s
Buck1
power-good
(status)
(Note 2)
P
Buck1 VOUT is in power-good
voltage range
(not under- or over-voltage)
PG1
M_PG1_STAT
(Note 3)
0 s
Thermal
warning
(status)
(Note 2)
N
TJ rising above TWARN
TEMP_WARN
M_VR_HOT
(Note 3)
0 s
GPIO0
change
(event)
N
Detect GPIO0 change for
active trigger
selected GPIO0_TRIG
register
E_GPIO0
M_GPIO0
100 µs/
1 ms/
10 ms/
100 ms
GPIO1
change
(event)
N
Detect GPIO1 change for
active trigger
selected GPIO1_TRIG
register
E_GPIO1
M_GPIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com