Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9231 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA9231
Description  Ultra-Low Quiescent Current Buck and LDO
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9231 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA9231 Datasheet HTML 1Page - Dialog Semiconductor DA9231 Datasheet HTML 2Page - Dialog Semiconductor DA9231 Datasheet HTML 3Page - Dialog Semiconductor DA9231 Datasheet HTML 4Page - Dialog Semiconductor DA9231 Datasheet HTML 5Page - Dialog Semiconductor DA9231 Datasheet HTML 6Page - Dialog Semiconductor DA9231 Datasheet HTML 7Page - Dialog Semiconductor DA9231 Datasheet HTML 8Page - Dialog Semiconductor DA9231 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
DA9231
Ultra-Low Quiescent Current Buck and LDO
Datasheet
Revision 2.4
3-Sep-2018
CFR0011-120-00 Rev 5
4 of 55
© 2018 Dialog Semiconductor
Figures
Figure 1: Block Diagram ........................................................................................................................ 7
Figure 2: DA9231 Application Diagram ................................................................................................. 7
Figure 3: Pinout Diagram (Top View) .................................................................................................... 8
Figure 4: Buck VOUT = 1.8 V ................................................................................................................ 18
Figure 5: Buck VOUT = 0.9 V ................................................................................................................ 18
Figure 6: Buck VOUT = 1.8 V, LDO VOUT = 0.8 V .................................................................................. 18
Figure 7: Buck VOUT = 0.9 V, LDO VOUT = 0.8 V .................................................................................. 18
Figure 8: High-Side FET...................................................................................................................... 19
Figure 9: Low-Side FET....................................................................................................................... 19
Figure 10: Buck VOUT = 1.9 V .............................................................................................................. 19
Figure 11: Buck VOUT = 1.8 V .............................................................................................................. 19
Figure 12: Buck VOUT = 1.2 V .............................................................................................................. 20
Figure 13: Buck VOUT = 0.9 V .............................................................................................................. 20
Figure 14: Buck VOUT = 0.6 V .............................................................................................................. 20
Figure 15: Buck VOUT = 1.9 V .............................................................................................................. 21
Figure 16: Buck VOUT = 0.9 V .............................................................................................................. 21
Figure 17: Buck VOUT = 1.2 V .............................................................................................................. 21
Figure 18: Buck VOUT = 0.6 V .............................................................................................................. 21
Figure 19: Buck VOUT = 1.9 V .............................................................................................................. 22
Figure 20: Buck VOUT = 1.3 V .............................................................................................................. 22
Figure 21: Buck VOUT = 0.9 V .............................................................................................................. 22
Figure 22: Buck VOUT = 0.6 V .............................................................................................................. 22
Figure 23: Buck VOUT = 1.9 V .............................................................................................................. 23
Figure 24: Buck VOUT = 1.2 V .............................................................................................................. 23
Figure 25: Buck VOUT = 0.9 V .............................................................................................................. 23
Figure 26: Buck VOUT = 0.6 V .............................................................................................................. 23
Figure 27: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 1 mA ................................................... 24
Figure 28: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 10 mA ................................................. 24
Figure 29: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 100 mA ........................................... 24
Figure 30: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 300 mA ............................................... 24
Figure 31: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 1.8 V 25
Figure 32: Buck ILOAD = 100 mA to 300 mA to 100 mA (0.2 A/µs); Buck VIN = 3.6 V, Buck VOUT = 1.8 V
............................................................................................................................................................. 25
Figure 33: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 1.2 V 25
Figure 34: Buck ILOAD = 100 mA to 300 mA to 100 mA (0.2 A/ µs); Buck VIN = 3.6 V, Buck
VOUT = 1.2 V......................................................................................................................................... 25
Figure 35: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.9 V 25
Figure 36: Buck ILOAD = 100 mA to 300 mA to 100 mA (0.2 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.9 V
............................................................................................................................................................. 25
Figure 37: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.6 V 26
Figure 38: Buck ILOAD = 100 mA to 300 mA to 100mA (0.2 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.6 V
............................................................................................................................................................. 26
Figure 39: Buck VOUT 0.6 V to 1.2 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 26
Figure 40: Buck VOUT 1.2 V to 0.6 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 26
Figure 41: Buck VOUT 1.3 V to 1.9 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 26
Figure 42: Buck VOUT 1.9 V to 1.3 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 26
Figure 43: Device Enable: Buck VIN = 3.6 V, Buck VOUT 1.8 V, Buck ILOAD = 300 mA......................... 27
Figure 44: VOUT ramp-up after Enabled (Zoom-in of Figure 43) .......................................................... 27
Figure 45: Device Enable: Buck VIN = LDO VIN = 3.6 V, Buck VOUT = 1.8 V, LDO VOUT = 3.3 V......... 27
Figure 46: LDO VOUT = 0.8 V ............................................................................................................... 28
Figure 47: LDO VOUT = 2 V .................................................................................................................. 28
Figure 48: LDO VOUT = 3.3 V ............................................................................................................ 28
Figure 49: LDO ILOAD = 5 mA to 100 mA to 5 mA (0.1 A / 1 µs); LDO VIN = 3.6 V, LDO VOUT = 0.8 V 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com