Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9231 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9231
Description  Ultra-Low Quiescent Current Buck and LDO
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9231 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9231 Datasheet HTML 17Page - Dialog Semiconductor DA9231 Datasheet HTML 18Page - Dialog Semiconductor DA9231 Datasheet HTML 19Page - Dialog Semiconductor DA9231 Datasheet HTML 20Page - Dialog Semiconductor DA9231 Datasheet HTML 21Page - Dialog Semiconductor DA9231 Datasheet HTML 22Page - Dialog Semiconductor DA9231 Datasheet HTML 23Page - Dialog Semiconductor DA9231 Datasheet HTML 24Page - Dialog Semiconductor DA9231 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
DA9231
Ultra-Low Quiescent Current Buck and LDO
Datasheet
Revision 2.4
3-Sep-2018
CFR0011-120-00 Rev 5
21 of 55
© 2018 Dialog Semiconductor
9.5
Switching Frequency vs Load Current
Figure 15: Buck VOUT = 1.9 V
Figure 16: Buck VOUT = 0.9 V
Figure 17: Buck VOUT = 1.2 V
Figure 18: Buck VOUT = 0.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com