Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9232 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9232 Datasheet HTML 35Page - Dialog Semiconductor DA9232 Datasheet HTML 36Page - Dialog Semiconductor DA9232 Datasheet HTML 37Page - Dialog Semiconductor DA9232 Datasheet HTML 38Page - Dialog Semiconductor DA9232 Datasheet HTML 39Page - Dialog Semiconductor DA9232 Datasheet HTML 40Page - Dialog Semiconductor DA9232 Datasheet HTML 41Page - Dialog Semiconductor DA9232 Datasheet HTML 42Page - Dialog Semiconductor DA9232 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
39 of 50
© 2019 Dialog Semiconductor
Field Name
Bits
Type
POR
Description
0x1
Reset Pulse generation output
0x2
PowerGood indicator, Active Low
0x3
PowerGood indicator, Active High
0x4
Event indicator
0x8
Force GPO output low
0x9
Force GPO output hi-z
Table 19: Register BUCK
Address
Register Name
POR Value
Buck enable & vout control
0x0005
BUCK
0x58
7
6
5
4
3
2
1
0
BUCK_EN
VOUT_RANGE_HI
Reserved
BUCK_VOUT<4:0>
Field Name
Bits
Type
POR
Description
BUCK_EN
[7]
cfg OTP 0x0
BUCK enable
VOUT_RANGE_HI
[6]
cfg OTP 0x1
Range selection for buck. This can only be changed while BUCK_EN = 0
Value
Description
0x0
0.60 V <= VBUCK <= 1.30 V
0x1
1.30 V <= VBUCK <= 1.90 V
BUCK_VOUT
[4:0]
datablk
OTP
0x18
Buck output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com