Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9232 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA9232 Datasheet HTML 1Page - Dialog Semiconductor DA9232 Datasheet HTML 2Page - Dialog Semiconductor DA9232 Datasheet HTML 3Page - Dialog Semiconductor DA9232 Datasheet HTML 4Page - Dialog Semiconductor DA9232 Datasheet HTML 5Page - Dialog Semiconductor DA9232 Datasheet HTML 6Page - Dialog Semiconductor DA9232 Datasheet HTML 7Page - Dialog Semiconductor DA9232 Datasheet HTML 8Page - Dialog Semiconductor DA9232 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
4 of 50
© 2019 Dialog Semiconductor
Figure 10: Buck VOUT = 0.9V............................................................................................................. 18
Figure 11: Buck VOUT = 0.7 V............................................................................................................ 18
Figure 122: Buck VOUT = 1.8 V.......................................................................................................... 19
Figure 133: Buck VOUT = 1.2 V.......................................................................................................... 19
Figure 144: Buck VOUT = 0.9 V.......................................................................................................... 19
Figure 15: Buck VOUT = 0.7 V............................................................................................................ 19
Figure 166: Buck VOUT = 1.8 V.......................................................................................................... 20
Figure 17: Buck VOUT = 1.2 V............................................................................................................ 20
Figure 180: Buck VOUT = 1.8 V.......................................................................................................... 21
Figure 191: Buck VOUT = 1.2 V.......................................................................................................... 21
Figure 204: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 1 mA.......................................... 22
Figure 215: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 60 mA........................................ 22
Figure 226: Buck VIN = 3.6 V, Buck VOUT = 0.7 V, Buck ILOAD = 1 mA.......................................... 22
Figure 237: Buck VIN = 3.6 V, Buck VOUT = 0.7 V, Buck ILOAD = 60 mA........................................ 22
Figure 248: Buck ILOAD = 0.5 mA to 60 mA to 0.5 mA (0.1A/µs); Buck VIN = 3.6 V, Buck
VOUT = 1.8 V ...................................................................................................................................... 23
Figure 250: Buck VOUT 0.6 V to 1.2 V; Buck VIN = 3.6 V, Buck ILOAD = 60 mA ............................. 24
Figure 261: Buck VOUT 1.2 V to 0.6 V; Buck VIN = 3.6 V, Buck ILOAD = 60 mA ............................. 24
Figure 272: Buck VOUT 1.3 V to 1.9 V; Buck VIN = 3.6 V, Buck ILOAD = 60 mA ............................. 24
Tables
Table 1: Pin Description ........................................................................................................................ 8
Table 2: Pin Type Definition .................................................................................................................. 9
Table 3: Absolute Maximum Ratings................................................................................................... 10
Table 4: Recommended Operating Conditions ................................................................................... 11
Table 5: Input Current.......................................................................................................................... 13
Table 6: Buck Output........................................................................................................................... 13
Table 7: GPO - Electrical performance ............................................................................................... 14
Table 8: Analog Core - Electrical performance ................................................................................... 14
Table 9: I2C interface .......................................................................................................................... 15
Table 10: Thermal Characteristics ...................................................................................................... 16
Table 11: Buck Output Voltage Settings ............................................................................................. 26
Table 12: GPO as Power Good Indicator ............................................................................................ 32
Table 13: Event/Status/Mask and User Registers .............................................................................. 34
Table 14: System Reset Registers ...................................................................................................... 35
Table 15: Register EVENT .................................................................................................................. 35
Table 16: Register STATUS ................................................................................................................ 36
Table 17: Register MASK .................................................................................................................... 37
Table 18: Register GPO ...................................................................................................................... 38
Table 19: Register BUCK .................................................................................................................... 39
Table 20: Register BUCK_CFG .......................................................................................................... 41
Table 21: Register FAUL_CTL ............................................................................................................ 42
Table 22: Register PIN_MONITOR ..................................................................................................... 43
Table 23: Register SYS_RST_EVENT................................................................................................ 43
Table 24: Register SYS_SRST ........................................................................................................... 44
Table 25: Register SYS_DEVICE_ID ................................................................................................. 44
Table 26: Register SYS_VARIANT_ID............................................................................................... 45
Table 27: Register SYS_CONFIG_ID ................................................................................................ 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com