Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF01T Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 40Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 41Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 42Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
39 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Note 30: 0 dBm0 on CIN = -3.14 dB of max PCM value.
Table 26: VREFp load circuit
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Cload_vrefp
VREFp (parasitic) load
capacitance
20
pF
Iout_vrefp
VREFp output current
1mA
Figure 29: VREFp load circuit
Cload_vrefp
VREFp
VREFm
Iout_vrefp
Rout_vrefp
Table 27: LSRp/LSRn outputs
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vlsr_0dB_unt
Untrimmed differen-
tial RMS output volt-
age between LSRp
and LSRn in audio
mode (0 dBm0 refer-
ence level)
0 dBm0 on CIN (Note 30),
LSRATT[2:0] = 001,
@ 1020 Hz Load circuit A (see
Figure 30, Table 28) with RL1=
 , Cp1 or load circuit B (see
Figure 31) with RL2, Cp2 and
Cs2
Tolerance:
• 13% when untrimmed
(BANDGAP_REG=8)
• 6% when trimmed
(Note 28)
621
714
807
mV
Rout_lsr
Resistance of acti-
vated loudspeaker
amplifier outputs
LSRp and LSRn
1
Vlsr_dc
DC offset between
LSRp and LSRn
(Note 17)
LSRATT[2:0] = 3
RL1 = 28 
3 sigma deviation limits
-20
20
mV
Table 28: LSRp/LSRn load circuits
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Cp1_Rl1_inf
Load capacitance
see Figure 30, RL1 = 
30
pF
Cp1_Rl1_1k
Load capacitance
see Figure 30, RL1 1 k
100
pF
Rl1
Load resistance
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com