Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF01T Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 40Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
37 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
7.5 DIGITAL INPUT/OUTPUT PINS
Note 25: For output drive capability, see section "Pin Description" on page 5.
Table 21: Digital input levels
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vil_dig
Logic 0 input level; all digital
input pins except PON,
CHARGE and RSTn
VDD = 1.8 V
0.3*VDD
V
Vil_pon
Logic 0 input level; pin PON
0.9
V
Vil_charge
Logic 0 input level; pin
CHARGE
0.9
V
Vil_rst
Logic 0 input level; pin RSTn
VDD = 1.8 V
0.2*VDD
V
Vih_dig
Logic 1 input level; all digital
input pins except PON,
CHARGE and RSTn
VDD = 1.8 V
0.7*VDD
V
Vih_pon
Logic 1 input level; pin PON
1.5
V
Vih_charge
Logic 1 input level; pin
CHARGE
1.5
V
Vih_rst
Logic 1 input level; pin RSTn VDD = 1.8 V
0.8*VDD
V
Table 22: Digital output levels
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vol_dig
Logic 0 output level
VDD = 1.8 V; Iout =
2, 4, 8 mA (Note 25)
0.2*VDD
V
Voh_dig
Logic 1 output level
VDD = 1.8 V; Iout =
2, 4, 8 mA (Note 25)
0.8*VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com