Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8431I-21 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS8431I-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431I-21 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS8431I-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 9Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 10Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 11Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 12Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 13Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 14Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 15Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
8431AMI-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
13
Integrated
Circuit
Systems, Inc.
ICS8431I-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in
Figure 6.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CCO
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CCO_MAX
– 0.9V
(V
CCO_MAX
- V
OH_MAX
) = 0.9V
•
For logic low, V
OUT
= V
OL_MAX
= V
CCO_MAX
– 1.7V
(V
CCO_MAX
- V
OL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) = [(2V - (V
CCO_MAX
- V
OH_MAX
))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) =
[(2V - 0.9V)/50
Ω] * 0.9V = 19.8mW
Pd_L = [(V
OL_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) = [(2V - (V
CCO_MAX
- V
OL_MAX
))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) =
[(2V - 1.7V)/50
Ω] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
FIGURE 6. LVPECL DRIVER CIRCUIT AND TERMINATION
Q1
V
OUT
V
CCO
RL
50
V
CCO - 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com