Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8431I-21 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8431I-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431I-21 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8431I-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
8431AMI-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
2
Integrated
Circuit
Systems, Inc.
ICS8431I-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
The PLL loop divider or M divider is programmed by using
inputs M0 through M8. While the nP_LOAD input is held LOW,
the data present at M0:M8 is transparent to the M divider. On
the LOW-to-HIGH transition of nP_LOAD, the M0:M8 data is
latched into the M divider and any further changes at the
M0:M8 inputs will not be seen by the M divider until the next
LOW transition on nP_LOAD.
The relationship between the VCO frequency, the crystal fre-
quency and the M divider is defined as follows:
The M value and the required values of M0:M8 for programming
the VCO are shown in
Table 3B, Programmable VCO Frequency
Function Table. The frequency out is defined as follows:
For the ICS8431I-21, the output divider may be set to either
÷2 or ÷4 by the DIV_SEL pin. For an input of 16 MHz, valid
M values for which the PLL will achieve lock are defined as:
250
≤ M ≤ 511.
FUNCTIONAL DESCRIPTION
The ICS8431I-21 features a fully integrated PLL and therefore
requires no external components for setting the loop bandwidth.
The output of the oscillator is divided by 16 prior to the phase
detector. With a 16MHz crystal this provides a 1MHz reference
frequency.The VCO of the PLL operates over a range of 250MHz
to 700MHz.The output of the M divider is also applied to the phase
detector.
The phase detector and the M divider force the VCO output
frequency to be M times the reference frequency by adjusting
the VCO control voltage. Note that for some values of M (ei-
ther too high or too low), the PLL will not achieve lock. The
output of the VCO is scaled by a divider prior to being sent to
the LVPECL output buffer. The divider provides a 50% output
duty cycle.
The programmable features of the ICS8431I-21 support four
output operational modes and a programmable M divider and
output divider. The four output operational modes are spread
spectrum clocking (SSC), non-spread spectrum clock and
two test modes and are controlled by the SSC_CTL[1:0] pins.
16
M
fVCO =
fxtal x
N
FOUT =
fVCO
=
16 x N
fxtal x M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com