Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40MW1VN-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WL40MW1VN-R
Description  Wireless I/O WL40VN Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40MW1VN-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WL40MW1VN-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 6Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: WL40MW1VN
WL40MW1VN SPECIFICATIONS
ES-9118 Rev.0 Page 3/7
http://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
With configurator software, settings shown below are available.
Refer to the users manual of W920FCFG for detailed operation.
■ WIRELESS SETTING
ITEM
SETTING RANGE
DEFAULT
Preferred PAN ID (group number)
0000 – FFFE (hexadecimal, 4 digits)
0000
Radio channel number
1 – 7 (selectable up to 7 channels)
None
Short address
0000 – FFFD (hexadecimal, 4 digits)
0000
Network name
English one-byte characters within 16 characters
(one-byte space, “-”, “_”, “.”, “@” are usable.)
Blank
Encryption key
0000...0 – FFFF...F
(hexadecimal, 32 digits)
0000...0
Monitoring unit time of 1% duty (sec.)
10 – 3600 (sec.)
600 (sec.)
Transmitter power output
0.16mW / 1mW / 20mW
20mW
Low-speed moving mode
No / Yes
No
Device type in a network,
Number of devices in a network
Child ( xed), 1 to 30 devices /
Child ( xed), 31 to 60 devices /
Child ( xed), 61 to 100 devices /
Child ( xed) + child (moving)
Child ( xed), 1 to 30 devices
Set network quality
Standard (recommended) /
Frequency of route switching and delay (higher) /
Frequency of route switching and delay (highest)
Standard (recommended)
Network join mode
V3-compatible mode / Fast join mode
V3-compatible mode
Fixed route
No / Yes
No
Destination short address
0000 – FFFD (hexadecimal, 4 digits)
0000
Temporary detour
No / Yes
Yes
Packet ltering
None / Yes (polling type)
Yes (polling type)
Filter timeout on polling
1.0 – 60.0 (sec.)
1.0 (sec.)
920Run timeout
1.0 – 60.0 (sec.)
3.0 (sec.)
Retry times before route switching
Once / Twice / Three times
Three times
Note: For version con rmation of communication module, refer to the users manual of W920FCFG.
■ MODBUS SETTING
ITEM
SETTING RANGE
DEFAULT
Transfer rate
38400 / 19200 / 9600 / 4800 bps
38400 bps
Parity bit
Odd / Even / None
Odd
Stop bit
1 bit / 2 bits
1 bit
EXTERNAL VIEW
■ FRONT VIEW
Power
RD
SD
DA
DB
DG
SLD
FE
920Link
920Run
920ERR
ERR
CFG2
CFG1
24V
0V
NC
NC
FE1
Status Indicator LED
Connector for
RS-485 Communication
* Power input defers depending on the power input code you select.
Status Indicator LED
Antenna Connector
Maintenance Connector
Configuration Jack
Connector for Power Input *



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com